Electronic Components Datasheet Search
  English  ▼

X  

VP305 Datasheet(PDF) 76 Page - Mitel Networks Corporation

Part # VP305
Description  Satellite Channel Decoder
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

VP305 Datasheet(HTML) 76 Page - Mitel Networks Corporation

Back Button VP305 Datasheet HTML 72Page - Mitel Networks Corporation VP305 Datasheet HTML 73Page - Mitel Networks Corporation VP305 Datasheet HTML 74Page - Mitel Networks Corporation VP305 Datasheet HTML 75Page - Mitel Networks Corporation VP305 Datasheet HTML 76Page - Mitel Networks Corporation VP305 Datasheet HTML 77Page - Mitel Networks Corporation VP305 Datasheet HTML 78Page - Mitel Networks Corporation VP305 Datasheet HTML 79Page - Mitel Networks Corporation VP305 Datasheet HTML 80Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 85 page
background image
VP305/6
DRAFT - PRELIMINARY DATA
The duplication or disclosure of data contained on this sheet is subject to the restrictions
on the title page of this document.
76
Pin No
Name
Pin Description
I/O Note V mA
2,12,20,
28,34,41,
47,53,59,
65,70,74,
78,86,93,
98
VDD
+3.3V power supply. All pins must be connected.
3,13,21,
29,40,46,
52,58,66,
72,79,85,
92,99
VSS
0V power ground. All pins must be connected.
Table 20. Pinout details.
The remaining pins 71, 73, 94 and 95 are N/C - not connected internal to the VP305/6. They may
be connected external to the VP305/6.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com