Electronic Components Datasheet Search
  English  ▼

X  

VP305 Datasheet(PDF) 20 Page - Mitel Networks Corporation

Part # VP305
Description  Satellite Channel Decoder
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

VP305 Datasheet(HTML) 20 Page - Mitel Networks Corporation

Back Button VP305 Datasheet HTML 16Page - Mitel Networks Corporation VP305 Datasheet HTML 17Page - Mitel Networks Corporation VP305 Datasheet HTML 18Page - Mitel Networks Corporation VP305 Datasheet HTML 19Page - Mitel Networks Corporation VP305 Datasheet HTML 20Page - Mitel Networks Corporation VP305 Datasheet HTML 21Page - Mitel Networks Corporation VP305 Datasheet HTML 22Page - Mitel Networks Corporation VP305 Datasheet HTML 23Page - Mitel Networks Corporation VP305 Datasheet HTML 24Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 85 page
background image
VP305/6
DRAFT - PRELIMINARY DATA
The duplication or disclosure of data contained on this sheet is subject to the restrictions
on the title page of this document.
20
2.
REGISTER DETAILS
2.1. Parallel interface register map.
The default state of almost all of the registers is zero, except the ID register and unused registers.
Reserved or unused bits should be set to zero when writing to a register.
NAME
ADR
D7D6D5D4D3D2
D1D0
R/W
BANK
0
Reserved
AD5
AD4
AD3
Reserved
W
Table 5a. BANK Register 0. (Address byte = 0, Data byte = NEXT BANK)
NAME
ADR
D7D6D5D4D3D2
D1D0
R/W
ID
0
ID[7:0] Chip identification
R
INT_QPSK
1
INT_QPSK[7:0] Interrupt QPSK
R
INT_FEC
2
INT_FEC[7:0] Interrupt FEC
R
STATUS
3
Reserved
STATUS[6:0]
R
AGC_LVL
4
AGC_LVL[7:0] AGC loop voltage meter
R
CR_VCOF U
5
Reserved
CR_VCOF[13:8] Measured VCO frequency (upper nibble)
R
CR_VCOF L
6
CR_VCOF[7:0] Measured VCO frequency (lower byte)
R
IE_QPSK
7
IE_QPSK[7:0] Interrupt enable QPSK
R/W
Table 5b. Register bank 0. BANK[5:3] = 0.
Note: In Bank 0, the registers 1 to 6 are READ only. Writing to these addresses will have no
effect.
NAME
ADR
D7D6D5D4D3D2
D1D0
R/W
ID
0
ID[7:0] Chip identification
R
SYM_CONFIG
1
Reserved
SYM_CONFIG[5:0] Symbol configuration
R/W
SYM_RP
2
Reserved
SYM_RP[3:0] Symbol AFC reference
period
R/W
SYM_NF U
3
SYM_NF[15:8] Symbol input nominal frequency (upper byte)
R/W
SYM_NF L
4
SYM_NF[7:0] Symbol input nominal frequency (lower byte)
R/W
SYM_RATIO
5
Reserved
SYM_RATIO[2:0]
R/W
AGC_REF
6
AGC_REF[7:0] Reference AGC level
R/W
AGC_BW
7
Reserved
INT_DC
AGC_BW[2:0]
R/W
Table 5c. Register bank 1. BANK[5:3] = 8.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com