Electronic Components Datasheet Search
  English  ▼

X  

VP5313 Datasheet(PDF) 9 Page - Mitel Networks Corporation

Part # VP5313
Description  NTSC/PAL Digital Video Encoder
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

VP5313 Datasheet(HTML) 9 Page - Mitel Networks Corporation

Back Button VP5313 Datasheet HTML 5Page - Mitel Networks Corporation VP5313 Datasheet HTML 6Page - Mitel Networks Corporation VP5313 Datasheet HTML 7Page - Mitel Networks Corporation VP5313 Datasheet HTML 8Page - Mitel Networks Corporation VP5313 Datasheet HTML 9Page - Mitel Networks Corporation VP5313 Datasheet HTML 10Page - Mitel Networks Corporation VP5313 Datasheet HTML 11Page - Mitel Networks Corporation VP5313 Datasheet HTML 12Page - Mitel Networks Corporation VP5313 Datasheet HTML 13Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
VP5313/VP5513
9
IICEXCTL
I2C Extension Control
CTL7-0
Each bit controls port direction
0 = output 1 = input
IICEXR/W
I2C Extension Control
RD7-0
I2C bus read and write data from
I2C extension port
I2C BUS CONTROL INTERFACE
I2C bus address
The serial microprocessor interface is via the bi-directional
port consisting of a data (SDA) and a clock (SCL) line. It is
compatible to the Philips I2C bus standard (Jan. 1992
publication number 9398 393 40011). The interface is a slave
transmitter - receiver with a sub-address capability. All
communication is controlled by the microprocessor. The SCL
line is input only. The most significant bit (MSB) is sent first.
Data must be stable during SCL high periods.
A bus free state is indicated by both SDA and SCL lines
being high. START of transmission is indicated by SDA being
pulled low while SCL is high. The end of transmission, referred
to as a STOP, is indicated by SDA going from low to high while
SCL is high. The STOP state can be omitted if a repeated
START is sent after the acknowledge bit. The reading device
acknowledges each byte by pulling the SDA line low on the
ninth clock pulse, after which the SDA line is released to allow
the transmitting device access to the bus.
The device address can be partially programmed by the
setting of the pin SA. This allows the device to respond to one
of two addresses, providing for system flexibility. The I2C bus
address is seven bits long with the last bit indicating read/write
for subsequent bytes.
The first data byte sent after the device address, is the sub-
address - BAR (base address register). The next byte will be
written to the register addressed by BAR and subsequent
bytes to the succeeding registers. The BAR maintains its data
after a STOP signal.
NTSC/PAL Video Standards
Both NTSC (4-field, 525 lines) and PAL (8-field, 625 lines)
video standards are supported by the VP5313/VP5513. All
raster synchronisation, colour sub-carrier and burst charac-
teristics are adapted to the standard selected. The VP5313/
VP5513 generates outputs which follow the requirements of
SMPTE 170M and CCIR 624 for PAL signals.
The device supports the following standards:
PAL B, D, G, H, I, N (Argentina) (default state) and
NTSC.
Video Blanking
The VP5313/VP5513 automatically performs standard
composite video blanking. Lines 1-9, 264-272 inclusive, as
well as the last half of line 263 are blanked in NTSC mode. In
PAL mode, lines 1-5, 311-318, 624-625 inclusive, as well as
the last half of line 623 are blanked.
A6
0
A5
0
A4
0
A3
1
A2
1
A0
SA
A1
0
R/
W
X
The V bit within REC656 defines the video blanking when
in TRS slave mode. By setting VBITDIS in the SLAVE1
register this blanking can be overidden. When in MASTER
mode the V bit is ignored; hence, if any lines are required to be
blank, they must have no video signal input on them.
Interpolator
The luminance and chrominance data is separately
passed through interpolating filters to produce output
sampling rates double that of the incoming pixel rate. This
reduces the sinx/x distortion that is inherent in the digital to
analog converters (DACs), and also simplifies the analog
reconstruction filter requirements.
Digital to Analog Converters
The VP5313/VP5513 contains four 9 bit digital to analog
converters which produce the analog video signals. The
DACs use a current steering architecture in which bit currents
are routed to one of two outputs; thus the DAC has true and
complimentary outputs, however, only the true outputs are
available on the pins. The use of identical current sources and
current steering their outputs means that monoticity is
guaranteed. An on-chip voltage reference of 1·00V (typ.)
provides the necessary biasing; if required, this can be
overridden by an external reference.
The full-scale output currents of the DACs is set by an
external 730
Ω resistor between the RREF and AGND pins. An
on-chip loop amplifier stabilises the full-scale output current
against temperature and power supply variations.
By digitally summing the luma and chroma outputs a
composite output is generated. The analog outputs of the
VP5313/VP5513 are capable of directly driving
doubly
terminated 75
Ω co-axial cable. If it is required only to drive a
single 75
Ω load then the DACGAIN resistor is simply doubled.
Luminance, Chrominance and Composite Video Outputs
The Luminance video output drives a 37.5
Ω load at 1·0V,
sync tip to peak white. It contains only the luminance content
of the image plus the composite sync pulses. In the NTSC
mode, a set-up level offset is added during the active video
portion of the raster.
The Chrominance video output drives a 37.5
Ω load at
levels proportional in amplitude to the luma output (40 IRE pk-
pk burst). Burst is injected with the appropriate timing relative
to the luma signal.
Output sinx/x compensation filters are required on all
video outputs, as shown in the typical application diagram, see
fig. 11 & 12.
RGB Video Outputs
The RGB video outputs drive a 37.5
Ω load at 0.7V blank
to peak.
Output sinx/x compensation filters are required on all
video outputs, as shown in the typical application diagram, see
fig. 11 & 12.
Video Timing - Slave sync mode
The VP5313/VP5513 has an internal timing generator
which produces video timing signals appropriate to the mode
of operation. TRS slave mode means that the video encoder
synchronises itself to the TRS (Timing Reference Signal)
codes that are embedded into the Rec. 656 data pattern. In the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com