Electronic Components Datasheet Search
  English  ▼

X  

VP5313 Datasheet(PDF) 1 Page - Mitel Networks Corporation

Part # VP5313
Description  NTSC/PAL Digital Video Encoder
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

VP5313 Datasheet(HTML) 1 Page - Mitel Networks Corporation

  VP5313 Datasheet HTML 1Page - Mitel Networks Corporation VP5313 Datasheet HTML 2Page - Mitel Networks Corporation VP5313 Datasheet HTML 3Page - Mitel Networks Corporation VP5313 Datasheet HTML 4Page - Mitel Networks Corporation VP5313 Datasheet HTML 5Page - Mitel Networks Corporation VP5313 Datasheet HTML 6Page - Mitel Networks Corporation VP5313 Datasheet HTML 7Page - Mitel Networks Corporation VP5313 Datasheet HTML 8Page - Mitel Networks Corporation VP5313 Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
PIN
FUNCTION
PIN
FUNCTION
1
VDD
23
SCL
2
PD5
24
SDA
3
PD6
25
DACCOMP
4
PD7
26
RED/C
5
CLAMP
27
GREEN/Y
6
COMPSYNC
28
AVDD
7
PALID
29
AGND
8
SCSYNC
30
AVDD
9
REFSQ
31
BLUE/CVBS2
10
GND
32
CVBS1
11
VDD
33
VREF
12
FC2
34
RREF
13
FC1
35
AGND
14
FC0
36
AGND
15
HSYNC
37
AVDD
16
VSYNC
38
PD0
17
TTXREQ
39
PD1
18
SA
40
PD2
19
TTXDATA
41
PD3
20
VDD
42
PD4
21
GND
43
GND
22
RESET
44
PXCK
ORDERING INFORMATION
VP5313A/CG/GP1N
VP5513A/CG/GP1N
The VP5313/VP5513 converts digital Y Cr Cb data into
analog PAL or NTSC composite video, and also provides
simultaneous RGB outputs. These additional converters can
optionally provide separate luma and chroma outputs plus a
further composite video channel. All outputs are capable of
driving doubly terminated 75
Ω loads with standard video
levels.
All D/A converters are to 9 bit accuracy, and are provided with
27MHz oversampled data. The latter simplifies the
requirement for external analog anti-aliasing filters, and
reduces the sinx/x distortion inherent in D/A converters.
Separate digital scaling is applied to the chroma data path in
order to make the most efficient use of the 9 bit dynamic range.
The device accepts data inputs complying with CCIR
recommendation 656. In this format 4:2:2 video is multiplexed
onto an 8 bit bus using a 27MHz clock. Active video markers
are embedded into the data stream and extracted by the
VP5313/VP5513. Optionally the user can supply separate
horizontal and vertical syncs, and colour can be genlocked to
an external subcarrier if necessary.
In an alternative operating mode the VP5313/VP5513 can
be configured as the source of sync for the rest of the system.
In this master mode the horizontal and vertical sync pins
become outputs, and any control codes in the CCIR656 bit
stream are ignored.
The VP5313/VP5513 supports the insertion of teletext
data through a serial interface. An internal filter shapes the
data edges.
FEATURES
s
Converts Y, Cr, Cb data to analog RGB and composite
or S-video and composite video
s
Supports CCIR recommendations 601 and 656
s
All digital video encoding
s
Selectable master/slave mode for sync signals
s
Switchable chrominance bandwidth
s
CCIR 624 PAL SMPTE or 170M NTSC compatible
outputs
s
GENLOCK mode
s
I2C bus serial microprocessor interface
s
Only VP5313 supports Macrovision anti-taping
Rev. 7.01
s
Line 21 Closed Caption encoding
s
Teletext insertion, fully line programmable
APPLICATIONS
s
Digital Cable TV
s
Digital Satellite TV
s
Multi-media
s
Video games
s
Digital VCRs
s
Karaoke
Fig.1 Pin connections (top view)
GP44
111
33
23
12
22
44
34
VP5313/VP5513
NTSC/PAL Digital Video Encoder
Supersedes DS4509 1.9 September 1997 edition
DS4509 - 2.2 October 1998


Similar Part No. - VP5313

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
VP5313 ZARLINK-VP5313 Datasheet
276Kb / 19P
NTSC/PAL Digital Video Encoder
VP5313A1N ZARLINK-VP5313A1N Datasheet
276Kb / 19P
NTSC/PAL Digital Video Encoder
VP5313CG1N ZARLINK-VP5313CG1N Datasheet
276Kb / 19P
NTSC/PAL Digital Video Encoder
VP5313GP1N ZARLINK-VP5313GP1N Datasheet
276Kb / 19P
NTSC/PAL Digital Video Encoder
More results

Similar Description - VP5313

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
VP5311B MITEL-VP5311B Datasheet
269Kb / 19P
NTSC/PAL Digital Video Encoder
logo
Asahi Kasei Microsystem...
AK8811 AKM-AK8811 Datasheet
377Kb / 36P
NTSC/PAL Digital Video Encoder
logo
Zarlink Semiconductor I...
VP536E ZARLINK-VP536E Datasheet
313Kb / 14P
NTSC/PAL Digital Video Encoder
logo
OKI electronic componet...
MSM7654 OKI-MSM7654 Datasheet
388Kb / 53P
NTSC/PAL Digital Video Encoder
logo
Asahi Kasei Microsystem...
AK8815 AKM-AK8815 Datasheet
346Kb / 37P
NTSC/PAL Digital Video Encoder
AK8817 AKM-AK8817 Datasheet
800Kb / 43P
NTSC/PAL Digital Video Encoder
logo
Zarlink Semiconductor I...
VP531 ZARLINK-VP531 Datasheet
279Kb / 17P
NTSC/PAL Digital Video Encoder
logo
Cirrus Logic
CS4954 CIRRUS-CS4954_06 Datasheet
1Mb / 60P
NTSC/PAL Digital Video Encoder
logo
Mitel Networks Corporat...
VP5311C MITEL-VP5311C Datasheet
144Kb / 16P
NTSC/PAL Digital Video Encoder
logo
Analog Devices
ADV7171KSUZ AD-ADV7171KSUZ Datasheet
865Kb / 64P
Digital PAL/NTSC Video Encoder
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com