Electronic Components Datasheet Search
  English  ▼

X  

VP5313 Datasheet(PDF) 12 Page - Mitel Networks Corporation

Part # VP5313
Description  NTSC/PAL Digital Video Encoder
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

VP5313 Datasheet(HTML) 12 Page - Mitel Networks Corporation

Back Button VP5313 Datasheet HTML 8Page - Mitel Networks Corporation VP5313 Datasheet HTML 9Page - Mitel Networks Corporation VP5313 Datasheet HTML 10Page - Mitel Networks Corporation VP5313 Datasheet HTML 11Page - Mitel Networks Corporation VP5313 Datasheet HTML 12Page - Mitel Networks Corporation VP5313 Datasheet HTML 13Page - Mitel Networks Corporation VP5313 Datasheet HTML 14Page - Mitel Networks Corporation VP5313 Datasheet HTML 15Page - Mitel Networks Corporation VP5313 Datasheet HTML 16Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
VP5313/VP5513
12
Figure 6 REFSQ and SC_SYNC input timing
Figure 7 PAL_ID input timing
REFSQ
SC_SYNC
Q
tSU; SC_SYNC
t HD; SC_SYNC
1/ f SC_SYNC
t PWH; SC_SYNC
Divide by 4
Synchronous
Counter
RESET
REFSQ
SC_SYNC
2:1 mux
Q
FSC4_SEL
fSC
1
0
Input to
Genlocking
Block
(register bit)
1439 1440 1441 1442 1443 1444 1445 1446 1447 1448 1449 1450
Y719 $FF
$00
$XY
$00
EAV SEQUENCE
ANCILLARY DATA...
Pixel Data Input (PD[7,0\)
Sample Number
PAL_ID Stable
Input (PAL_ID)
PXCK Input (27MHz)
t PWH; PXCK
t PWL; PXCK
t SU; PD
t HD; PD
t HD; PAL_ID
t SU; PAL_ID
t DUR; PAL_ID



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com