Electronic Components Datasheet Search
  English  ▼

X  

SM5879AV Datasheet(PDF) 4 Page - Nippon Precision Circuits Inc

Part # SM5879AV
Description  3rd-order , 2-channel D/A Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5879AV Datasheet(HTML) 4 Page - Nippon Precision Circuits Inc

  SM5879AV Datasheet HTML 1Page - Nippon Precision Circuits Inc SM5879AV Datasheet HTML 2Page - Nippon Precision Circuits Inc SM5879AV Datasheet HTML 3Page - Nippon Precision Circuits Inc SM5879AV Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5879AV Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5879AV Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5879AV Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5879AV Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5879AV Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
SM5879AV
NIPPON PRECISION CIRCUITS—4
PIN DESCRIPTION
Number
Name
I/O
Description
1
DVDD
I-
Digital supply pin.
2
TEST
I
Input for testing LSI. Test mode when HIGH.
3
P/M
I
Parallel/microcontroller setting selection pin. Parallel setting when HIGH.
4
AVDDR
-
Right-channel analog supply pin.
5
RO
O
Right channel analog output pin.
6
AVSSR
-
Right-channel analog ground pin.
7
TO1
O
Test mode output. Normally LOW.
8
AVSSL
-
Left-channel analog ground pin.
9
LO
O
Left-channel analog output pin.
10
AVDDL
O
Left-channel analog supply pin.
11
MUTEO
O
Infinity-zero detection output
12
DVSS
-
Digital ground pin
13
CKO
O
Oscillator clock output. 16.9344 MHz.
14
XVSS
-
Crystal oscillator ground pin
15
XTI
I
Crystal oscillator or 16.9344-MHz external clock input pin
16
XTO
O
Crystal oscillator output pin
17
XVDD
-
Crystal oscillator supply pin
18
MUTE/ MLEN
I
P/M=H; soft mute control pin. Mute is active when HIGH.
P/M=L; microcontroller interface clock
19
DEEM/ MCK
I
P/M=H; deemphasis control pin. Deemphasis is ON when HIGH.
P/M=L; microcontroller interface clock
20
BB1/ MDT
I
P/M=H; bass boost setting switch pin 1
P/M=L; microcontroller interface serial data
21
BB2/ BBON
IO
P/M=H; bass boost setting switch pin 2
P/M=L; bass boost detection output
22
DI
I
Serial data input pin
23
BCKI
I
Bit clock input pin
24
LRCI
I
Sample rate clock (fs) input pin. Left channel when HIGH, and right channel when LOW.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com