Electronic Components Datasheet Search
  English  ▼

X  

SM5879AV Datasheet(PDF) 6 Page - Nippon Precision Circuits Inc

Part # SM5879AV
Description  3rd-order , 2-channel D/A Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5879AV Datasheet(HTML) 6 Page - Nippon Precision Circuits Inc

Back Button SM5879AV Datasheet HTML 2Page - Nippon Precision Circuits Inc SM5879AV Datasheet HTML 3Page - Nippon Precision Circuits Inc SM5879AV Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5879AV Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5879AV Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5879AV Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5879AV Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5879AV Datasheet HTML 9Page - Nippon Precision Circuits Inc SM5879AV Datasheet HTML 10Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
SM5879AV
NIPPON PRECISION CIRCUITS—6
SPECIFICATIONS
Absolute Maximum Ratings
DVSS = AVSSL = AVSSR= XVSS = 0 V, AVDD = AVDDL = AVDDR
Recommended Operating Conditions
DVSS = AVSSL = AVSSR = XVSS = 0 V, AVDD = AVDDL = AVDDR
note) Since DVDD, XVDD, AVDDL, and AVDDR are connected via the LSI base board, current may flow if potential difference occurs among them.
Parameter
Symbol
Rating
Unit
Supply voltage range
DVDD, AVDD, XVDD
−0.3 to 7.0
V
Input voltage range1
1. Pins TEST, P/ M, MUTE/ MLEN, DEEM/ MCK, BB1/ MDT, BB2/ BBON, DI, BCKI, LRCI
Also applicable during supply switching.
VIN1
DVSS − 0.3 to DVDD + 0.3
V
XTI input voltage range
VIN
XVSS − 0.3 to XVDD + 0.3
V
Storage temperature range
Tstg
−55 to 125
°C
Power dissipation
PD
250
mW
Soldering temperature
Tsld
255
°C
Soldering time
tsld
10
s
Parameter
Symbol
Rating
Unit
Supply voltage range
DVDD, AVDD, XVDD
2.7 to 3.3
V
Supply voltage variation
DVDD − XVDD,
DVDD − AVDD,
XVDD − AVDD,
DVSS − XVSS,
DVSS − AVSS,
XVSS − AVSS
±0.1
V
Operating temperature range
Topr
−20 to 70
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com