Electronic Components Datasheet Search
  English  ▼

X  

SM5879AV Datasheet(PDF) 9 Page - Nippon Precision Circuits Inc

Part # SM5879AV
Description  3rd-order , 2-channel D/A Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5879AV Datasheet(HTML) 9 Page - Nippon Precision Circuits Inc

Back Button SM5879AV Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5879AV Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5879AV Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5879AV Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5879AV Datasheet HTML 9Page - Nippon Precision Circuits Inc SM5879AV Datasheet HTML 10Page - Nippon Precision Circuits Inc SM5879AV Datasheet HTML 11Page - Nippon Precision Circuits Inc SM5879AV Datasheet HTML 12Page - Nippon Precision Circuits Inc SM5879AV Datasheet HTML 13Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
SM5879AV
NIPPON PRECISION CIRCUITS—9
Control input
P/M=H
P/M=L
Parameter
Symbol
Rating
Unit
min
typ
max
Rise time
tr
–
–
50
ns
Fall time
tf
–
–
50
ns
Figure 1.
0.5VDD
t r
90%
10%
90%
10%
MUTE
DEEN
BB1
BB2
t r
Parameter
Symbol
Rating
Unit
min
typ
max
MCK LOW-level pulsewidth
tMCWL
200
–
–
ns
MCK HIGH-level pulsewidth
tMCWH
200
–
–
ns
MCK pulse width
tMcy
400
–
–
ns
MDT setup time
tMDS
100
–
–
ns
MDT hold time
tMDH
100
–
–
ns
MLEN setup time
tMLH
100
–
–
ns
MLEN hold time
tMLW
200
–
–
ns
Rise time
tr
–
–
50
ns
Fall time
tf
–
–
50
ns
MCK
0.5VDD
0.5VDD
0.5VDD
t MCWH
MLEN
t MCWL
t MCY
MDT
t MDS
t MDH
t MLS
t MLH
t MLW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com