Electronic Components Datasheet Search
  English  ▼

X  

SM5879AV Datasheet(PDF) 14 Page - Nippon Precision Circuits Inc

Part # SM5879AV
Description  3rd-order , 2-channel D/A Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5879AV Datasheet(HTML) 14 Page - Nippon Precision Circuits Inc

Back Button SM5879AV Datasheet HTML 10Page - Nippon Precision Circuits Inc SM5879AV Datasheet HTML 11Page - Nippon Precision Circuits Inc SM5879AV Datasheet HTML 12Page - Nippon Precision Circuits Inc SM5879AV Datasheet HTML 13Page - Nippon Precision Circuits Inc SM5879AV Datasheet HTML 14Page - Nippon Precision Circuits Inc SM5879AV Datasheet HTML 15Page - Nippon Precision Circuits Inc SM5879AV Datasheet HTML 16Page - Nippon Precision Circuits Inc SM5879AV Datasheet HTML 17Page - Nippon Precision Circuits Inc SM5879AV Datasheet HTML 18Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
SM5879AV
NIPPON PRECISION CIRCUITS—14
Microcontroller Interface
For microcontroller setting (when P/M is HIGH), the
microcontroller interface consisting of MDT (data),
MCK (clock) and MLEN (latch enable) can be used.
Data from the microcontroller is input to the input-
stage shift registers at the rise of MCK. Changes in
MDT should be performed at the rise of MCK.
Serial data in the shift registers is latched in parallel
to the flag registers at the rise of MLEN.
Two flag registers are available, divided into the
attenuation factor and mode flag by the D7 data.
A0 to A6: Attenuation factor (A6: MSB)
FDEM: Deemphasis ON/OFF (ON when 1)
FBB1: Bass boost setting switch flag 1
FBB2: Bass boost setting switch flag 2
MONO: Stereo/mono setting (Mono when 1)
CSEL: Mono output channel selection
(Right channel when 1)
Figure 4. Format of microcontroller interface input
MLEN
MCK
MDT
D0
D1
D2
D3
D4
D5
D6
D7
Table 2. microcontroller setting flags
Microcontroller
serial data
Flag
D7
0
1
D6
A6
-
D5
A5
FDEM
D4
A4
FBB1
D3
A3
FBB2
D2
A2
MONO
D1
A1
CSEL
D0
A0
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com