Electronic Components Datasheet Search
  English  ▼

X  

TMP101NA Datasheet(PDF) 5 Page - Texas Instruments

Part # TMP101NA
Description  TMP10x Temperature Sensor With I2C and SMBus Interface with Alert Function in SOT-23 Package
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP101NA Datasheet(HTML) 5 Page - Texas Instruments

  TMP101NA Datasheet HTML 1Page - Texas Instruments TMP101NA Datasheet HTML 2Page - Texas Instruments TMP101NA Datasheet HTML 3Page - Texas Instruments TMP101NA Datasheet HTML 4Page - Texas Instruments TMP101NA Datasheet HTML 5Page - Texas Instruments TMP101NA Datasheet HTML 6Page - Texas Instruments TMP101NA Datasheet HTML 7Page - Texas Instruments TMP101NA Datasheet HTML 8Page - Texas Instruments TMP101NA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
TMP100, TMP101
www.ti.com
SBOS231I – JANUARY 2002 – REVISED NOVEMBER 2015
6.5 Electrical Characteristics
At TA = −55°C to 125°C and V+ = 2.7 V to 5.5 V, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TEMPERATURE INPUT
Range
–55
125
°C
−25°C to 85°C
±0.5
±2
Accuracy (temperature error)
°C
−55°C to 125°C
±1
±2
Accuracy (temperature error) vs supply
0.2
±0.5
°C/V
Resolution
Selectable
0.0625
°C
DIGITAL INPUT/OUTPUT
Input capacitance
3
pF
VIH
High-level input logic
0.7 (V+)
6
V
VIL
Low-level input logic
−0.5
0.3 (V+)
V
IIN
Input current
0 V
≤ VIN ≤ 6 V
1
µA
VOL
Low-level output logic SDA
IOL = 3 mA
0
0.15
0.4
V
VOL
Low-level output logic ALERT
IOL = 4 mA
0
0.15
0.4
V
Resolution
Selectable
9
12
Bits
9 bits
40
75
10 bits
80
150
Conversion time
ms
11 bits
160
300
12 bits
320
600
9 bits
25
10 bits
12
Conversion rate
s/s
11 bits
6
12 bits
3
POWER SUPPLY
Operating range
2.7
5.5
V
Serial bus inactive
45
75
IQ
Quiescent current
Serial bus active, SCL frequency = 400 kHz
70
µA
Serial bus active, SCL frequency = 3.4 MHz
150
Serial bus inactive
0.1
13
ISD
Shutdown current
Serial bus active, SCL frequency = 400 kHz
20
µA
Serial bus active, SCL frequency = 3.4 MHz
100
TEMPERATURE RANGE
Specified range
–55
125
°C
Storage range
–60
150
°C
Copyright © 2002–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TMP100 TMP101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com