Electronic Components Datasheet Search
  English  ▼

X  

TMP101NA Datasheet(PDF) 1 Page - Texas Instruments

Part # TMP101NA
Description  TMP10x Temperature Sensor With I2C and SMBus Interface with Alert Function in SOT-23 Package
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP101NA Datasheet(HTML) 1 Page - Texas Instruments

  TMP101NA Datasheet HTML 1Page - Texas Instruments TMP101NA Datasheet HTML 2Page - Texas Instruments TMP101NA Datasheet HTML 3Page - Texas Instruments TMP101NA Datasheet HTML 4Page - Texas Instruments TMP101NA Datasheet HTML 5Page - Texas Instruments TMP101NA Datasheet HTML 6Page - Texas Instruments TMP101NA Datasheet HTML 7Page - Texas Instruments TMP101NA Datasheet HTML 8Page - Texas Instruments TMP101NA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
Diode
Sensor
∆Σ
ADC
Converter
OSC
Control
Logic
Serial
Interface
Config
and Temp
Register
TMP100
Temperature
GND
SCL
1
2
3
6
5
4
1
2
3
6
5
4
ADD1
SDA
ADD0
V+
Diode
Sensor
∆Σ
ADC
Converter
OSC
Control
Logic
Serial
Interface
Config
and Temp
Register
TMP101
Temperature
GND
SCL
ALERT
SDA
ADD0
V+
Temp.
Temp.
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
TMP100, TMP101
SBOS231I – JANUARY 2002 – REVISED NOVEMBER 2015
TMP10x Temperature Sensor With I2C and SMBus Interface with
Alert Function in SOT-23 Package
1 Features
3 Description
The
TMP100
and
TMP101
devices
are
digital
1
•
Digital Output: SMBus™, Two-Wire, and I2C
temperature sensors ideal for negative temperature
Interface Compatibility
coefficient (NTC) and positive temperature coefficient
•
Resolution: 9 to 12 Bits, User-Selectable
(PTC) thermistor replacement. The devices offer a
•
Accuracy:
typical accuracy of ±1°C without requiring calibration
or external component signal conditioning. Device
–
±1°C (Typical) from –55°C to 125°C
temperature sensors are highly linear and do not
–
±2°C (Maximum) from –55°C to 125°C
require complex calculations or look-up tables to
•
Low Quiescent Current: 45-
μA, 0.1-μA Standby
derive the temperature. The on-chip, 12-bit ADC
offers resolutions down to 0.0625°C. The devices are
•
Wide Supply Range: 2.7 V to 5.5 V
available in 6-Pin SOT-23 packages.
•
TMP100 Features Two Address Pins
The TMP100 and TMP101 devices feature SMBus,
•
TMP101 Features One Address Pin and an
Two-Wire,
and
I2C
interface
compatibility.
The
ALERT Pin
TMP100 device allows up to eight devices on one
•
6-Pin SOT-23 Package
bus. The TMP101 device offers an SMBus Alert
function with up to three devices per bus.
2 Applications
The TMP100 and TMP101 devices are ideal for
•
Power-Supply Temperature Monitoring
extended temperature measurement in a variety of
•
Computer Peripheral Thermal Protection
communication, computer, consumer, environmental,
industrial, and instrumentation applications.
•
Notebook Computers
The TMP100 and TMP101 devices are specified for
•
Cell Phones
operation over a temperature range of
−55°C to
•
Battery Management
125°C.
•
Office Machines
•
Thermostat Controls
Device Information(1)
•
Environmental Monitoring and HVAC
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TMP100
SOT-23 (6)
2.90 mm × 1.60 mm
•
Electromechanical Device Temperature
TMP101
SOT-23 (6)
2.90 mm × 1.60 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Simplified Schematics
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TMP101NA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP101NA TI-TMP101NA Datasheet
221Kb / 10P
Digital Temperature Sensor with I2C Interface
TMP101NA-250G4 TI-TMP101NA-250G4 Datasheet
819Kb / 19P
Digital Temperature Sensor with I2C Interface
TMP101NA/250 TI-TMP101NA/250 Datasheet
221Kb / 10P
Digital Temperature Sensor with I2C Interface
TMP101NA/250 TI2-TMP101NA/250 Datasheet
611Kb / 31P
TMP10x Temperature Sensor With I2C and SMBus Interface with Alert Function in SOT-23 Package
REVISED NOVEMBER 2015
TMP101NA/3K TI-TMP101NA/3K Datasheet
221Kb / 10P
Digital Temperature Sensor with I2C Interface
More results

Similar Description - TMP101NA

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1695 LINER-LTC1695 Datasheet
227Kb / 20P
SMBus/I2C Fan Speed Controller in SOT-23
logo
SMSC Corporation
EMC1001 SMSC-EMC1001 Datasheet
317Kb / 16P
1.5째C SMBus Temperature Sensor in Miniature SOT-23
logo
Texas Instruments
TMP175 TI1-TMP175_15 Datasheet
981Kb / 33P
TMPx75 Temperature Sensor With I2C and SMBus Interface in Industry Standard LM75 Form Factor and Pinout
TMP100-Q1 TI1-TMP100-Q1_17 Datasheet
414Kb / 29P
Temperature Sensor With I2C and SMBus Interface with Alert Function in SOT-23 Package
TMP1075 TI1-TMP1075 Datasheet
338Kb / 26P
Temperature Sensor With I2C and SMBus Interface in Industry Standard LM75 Form Factor and Pinout
TMP117 TI1-TMP117 Datasheet
1Mb / 41P
High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus- and I2C-Compatible Interface
TMP1075 TI1-TMP1075_18 Datasheet
978Kb / 30P
Temperature Sensor With I2C and SMBus Interface in Industry Standard LM75 Form Factor and Pinout
TMP1075_1810 TI1-TMP1075_1810 Datasheet
1,009Kb / 31P
Temperature Sensor With I2C and SMBus Interface in Industry Standard LM75 Form Factor and Pinout
TMP1075_1812 TI1-TMP1075_1812 Datasheet
2Mb / 40P
Temperature Sensor With I2C and SMBus Interface in Industry Standard LM75 Form Factor and Pinout
TMP1075 TI-TMP1075_V01 Datasheet
3Mb / 48P
TMP1075 Temperature Sensor With I2C and SMBus Interface in Industry Standard LM75 Form Factor and Pinout
AUGUST 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com