Electronic Components Datasheet Search
  English  ▼

X  

TMP101NA Datasheet(PDF) 7 Page - Texas Instruments

Part # TMP101NA
Description  TMP10x Temperature Sensor With I2C and SMBus Interface with Alert Function in SOT-23 Package
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP101NA Datasheet(HTML) 7 Page - Texas Instruments

Back Button TMP101NA Datasheet HTML 3Page - Texas Instruments TMP101NA Datasheet HTML 4Page - Texas Instruments TMP101NA Datasheet HTML 5Page - Texas Instruments TMP101NA Datasheet HTML 6Page - Texas Instruments TMP101NA Datasheet HTML 7Page - Texas Instruments TMP101NA Datasheet HTML 8Page - Texas Instruments TMP101NA Datasheet HTML 9Page - Texas Instruments TMP101NA Datasheet HTML 10Page - Texas Instruments TMP101NA Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
180
160
140
120
100
80
60
40
20
0
SCL Frequency (Hz)
10k
100k
1M
10M
125°C
FAST MODE
Hs MODE
−55°C
−55°C
125°C
25°C
25 °C
400
350
300
250
Temperature (°C)
−60
−40 −20
0
20
40
60
80
100
120
140
V+ = 5 V
V+ = 2.7 V
NOTE: 12−bit resolution.
2.0
1.5
1.0
0.5
0.0
−0.5
−1.0
−1.5
−2.0
Temperature (°C)
−60
−40 −20
0
20
40
60
80
100
120
140
3 Typical Units
NOTE: 12−bit resolution.
70
60
50
40
30
Temperature (°C)
−60
−40 −20
0
20
40
60
80
100
120
140
Serial Bus Inactive
V+ = 5 V
V+ = 27 V
1
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
−0.1
Temperature ( C)
°
−60
−40 −20
0
20
40
60
80
100
120
140
TMP100, TMP101
www.ti.com
SBOS231I – JANUARY 2002 – REVISED NOVEMBER 2015
6.7 Typical Characteristics
At TA = 25°C and V+ = 5 V, unless otherwise noted.
Figure 1. Quiescent Current vs Temperature
Figure 2. Shutdown Current vs Temperature
Figure 3. Conversion Time vs Temperature
Figure 4. Temperature Accuracy vs Temperature
Figure 5. Quiescent Current With Bus Activity vs Temperature
Copyright © 2002–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TMP100 TMP101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com