Electronic Components Datasheet Search
  English  ▼

X  

TMP101NA Datasheet(PDF) 6 Page - Texas Instruments

Part # TMP101NA
Description  TMP10x Temperature Sensor With I2C and SMBus Interface with Alert Function in SOT-23 Package
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP101NA Datasheet(HTML) 6 Page - Texas Instruments

Back Button TMP101NA Datasheet HTML 2Page - Texas Instruments TMP101NA Datasheet HTML 3Page - Texas Instruments TMP101NA Datasheet HTML 4Page - Texas Instruments TMP101NA Datasheet HTML 5Page - Texas Instruments TMP101NA Datasheet HTML 6Page - Texas Instruments TMP101NA Datasheet HTML 7Page - Texas Instruments TMP101NA Datasheet HTML 8Page - Texas Instruments TMP101NA Datasheet HTML 9Page - Texas Instruments TMP101NA Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
TMP100, TMP101
SBOS231I – JANUARY 2002 – REVISED NOVEMBER 2015
www.ti.com
6.6 Timing Requirements
FAST MODE
HIGH-SPEED MODE
PARAMETER
UNIT
MIN
MAX
MIN
MAX
f(SCL)
SCL operating frequency
0.4
2
MHz
t(BUF)
Bus free time between STOP and START condition
1300
160
ns
Hold time after repeated START condition.
t(HDSTA)
600
160
ns
After this period, the first clock is generated.
t(SUSTA)
Repeated START condition setup time
600
160
ns
t(SUSTO)
STOP condition setup time
600
160
ns
t(HDDAT)
Data hold time
20
900
20
170
ns
t(SUDAT)
Data setup time
100
20
ns
t(LOW)
SCL clock LOW period
1300
360
ns
t(HIGH)
SCL clock HIGH period
600
60
ns
tRC, tFC
Clock rise and fall time
300
40
ns
tRD, tFD
Data rise and fall time
300
170
ns
6
Submit Documentation Feedback
Copyright © 2002–2015, Texas Instruments Incorporated
Product Folder Links: TMP100 TMP101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com