Electronic Components Datasheet Search
  English  ▼

X  

LMT86LP Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LMT86LP
Description  SC70/TO-92,Analog Temperature Sensors with Class-AB Output
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMT86LP Datasheet(HTML) 5 Page - Texas Instruments

  LMT86LP Datasheet HTML 1Page - Texas Instruments LMT86LP Datasheet HTML 2Page - Texas Instruments LMT86LP Datasheet HTML 3Page - Texas Instruments LMT86LP Datasheet HTML 4Page - Texas Instruments LMT86LP Datasheet HTML 5Page - Texas Instruments LMT86LP Datasheet HTML 6Page - Texas Instruments LMT86LP Datasheet HTML 7Page - Texas Instruments LMT86LP Datasheet HTML 8Page - Texas Instruments LMT86LP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
LMT86, LMT86-Q1
www.ti.com
SNIS169C – MARCH 2013 – REVISED OCTOBER 2015
7 Specifications
7.1 Absolute Maximum Ratings
(1) (2)
MIN
MAX
UNIT
Supply Voltage
–0.3
6
V
Voltage at Output Pin
–0.3
(VDD + 0.5)
V
Output Current
-7
7
mA
Input Current at any pin (3)
-5
5
mA
Maximum Junction Temperature (TJMAX)
150
°C
Storage temperature range Tstg
-65
150
°C
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional, but do not specific performance limits. For specifications and test conditions, see the Electrical
Characteristics. The specifications apply only for the test conditions listed. Some performance characteristics may degrade when the
device is not operated under the listed test conditions.
(2)
Soldering process must comply with TI's Reflow Temperature Profile specifications. Refer to www.ti.com/packaging. Reflow temperature
profiles are different for lead-free and non-lead-free packages.
(3)
When the input voltage (VI) at any pin exceeds power supplies (VI < GND or VI > V), the current at that pin should be limited to 5 mA.
7.2 Handling Ratings - Commercial
VALUE
UNIT
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001, all
±2500
pins. (1)Applies for TO-92 package LMT86LP.
Human body model (HBM), per JESD22-A114, all pins. Applies
±2500
V
for SC70 package LMT86DCK.
V(ESD)
Electrostatic discharge
Charged device model (CDM), per JEDEC specification JESD22-
±1000
C101, all pins. (2) Applies for all parts.
Machine model ESD stress voltage, per JEDEC specification
JESD22-A115.(3) Applies for SC70 package LMT86DCK and
±250
V
LMT86DCK-Q1.
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
(3)
The machine model is a 200pF capacitor discharged directly into each pin.
7.3 ESD Ratings - Automotive
VALUE
UNIT
Human-body model (HBM), per JESD22-A114, all
±2500
pins. (1) Applies for SC70 package LMT86DCK-Q1.
V(ESD)
Electrostatic discharge
V
Charged-device model (CDM), per JEDEC
specification JESD22-C101, all pins. (2) Applies for
±1000
SC70 package LMT86DCK-Q1.
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
7.4 Recommended Operating Ratings
MIN
MAX
UNIT
TMIN ≤ TA ≤ TMAX
°C
Specified temperature range
−50 ≤ TA ≤ 150
°C
VDD
Supply voltage range
2.2
5.5
V
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LMT86 LMT86-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com