Electronic Components Datasheet Search
  English  ▼

X  

LMT86LP Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # LMT86LP
Description  SC70/TO-92,Analog Temperature Sensors with Class-AB Output
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMT86LP Datasheet(HTML) 14 Page - Texas Instruments

Back Button LMT86LP Datasheet HTML 10Page - Texas Instruments LMT86LP Datasheet HTML 11Page - Texas Instruments LMT86LP Datasheet HTML 12Page - Texas Instruments LMT86LP Datasheet HTML 13Page - Texas Instruments LMT86LP Datasheet HTML 14Page - Texas Instruments LMT86LP Datasheet HTML 15Page - Texas Instruments LMT86LP Datasheet HTML 16Page - Texas Instruments LMT86LP Datasheet HTML 17Page - Texas Instruments LMT86LP Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
LMT86
VOUT
VDD
SHUTDOWN
Any logic
device output
0.0
0.5
1.0
1.5
2.0
2.5
3.0
±50
0
50
100
150
TEMPERATURE (
ƒC)
C001
+2.2V to +5.5V
GND
OUT
VDD
CBP
RMUX
Input
Pin
CFILTER
LMT86
CSAMPLE
Reset
Sample
CMUX
Simplified Input Circuit of
SAR Analog-to-Digital Converter
RSS
LMT86, LMT86-Q1
SNIS169C – MARCH 2013 – REVISED OCTOBER 2015
www.ti.com
9.2 Typical Applications
9.2.1 Connection to an ADC
Figure 12. Suggested Connection to a Sampling Analog-to-Digital Converter Input Stage
9.2.1.1 Design Requirements
Most CMOS ADCs found in microcontrollers and ASICs have a sampled data comparator input structure. When
the ADC charges the sampling cap, it requires instantaneous charge from the output of the analog source such
as the LMT86 and LMT86-Q1 temperature sensor and many op amps. This requirement is easily accommodated
by the addition of a capacitor, CFILTER.
9.2.1.2 Detailed Design Procedure
The size of CFILTER depends on the size of the sampling capacitor and the sampling frequency. Since not all
ADCs have identical input stages, the charge requirements will vary. This general ADC application is shown as
an example only.
9.2.1.3 Application Curves
Figure 13. Analog Output Transfer Function
9.2.2 Conserving Power Dissipation with Shutdown
Figure 14. Conserving Power Dissipation with Shutdown
9.2.2.1 Design Requirements
Since the power consumption of the LMT86 is less than 9 µA it can simply be powered directly from any logic
gate output, thus not requiring a specific shutdown pin. The device can even be powered directly from a micro
controller GPIO. In this way it can easily be turned off for cases such as battery powered systems where power
savings is critical.
14
Submit Documentation Feedback
Copyright © 2013–2015, Texas Instruments Incorporated
Product Folder Links: LMT86 LMT86-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com