Electronic Components Datasheet Search
  English  ▼

X  

LMT86LP Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LMT86LP
Description  SC70/TO-92,Analog Temperature Sensors with Class-AB Output
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMT86LP Datasheet(HTML) 13 Page - Texas Instruments

Back Button LMT86LP Datasheet HTML 9Page - Texas Instruments LMT86LP Datasheet HTML 10Page - Texas Instruments LMT86LP Datasheet HTML 11Page - Texas Instruments LMT86LP Datasheet HTML 12Page - Texas Instruments LMT86LP Datasheet HTML 13Page - Texas Instruments LMT86LP Datasheet HTML 14Page - Texas Instruments LMT86LP Datasheet HTML 15Page - Texas Instruments LMT86LP Datasheet HTML 16Page - Texas Instruments LMT86LP Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
RS
OUT
LMT86
VDD
GND
CLOAD > 1100 pF
OPTIONAL
BYPASS
CAPACITANCE
OUT
LMT86
VDD
GND
OPTIONAL
BYPASS
CAPACITANCE
CLOAD ” 1100 pF
LMT86, LMT86-Q1
www.ti.com
SNIS169C – MARCH 2013 – REVISED OCTOBER 2015
Device Functional Modes (continued)
Figure 10. LMT86 No Decoupling Required for Capacitive Loads Less than 1100 pF
Figure 11. LMT86 with Series Resistor for Capacitive Loading Greater than 1100 pF
CLOAD
MINIMUM RS
1.1 nF to 99 nF
3 k
Ω
100 nF to 999 nF
1.5 k
Ω
1
μF
800
Ω
8.4.4 Output Voltage Shift
The LMT86 and LMT86-Q1 are very linear over temperature and supply voltage range. Due to the intrinsic
behavior of an NMOS/PMOS rail-to-rail buffer, a slight shift in the output can occur when the supply voltage is
ramped over the operating range of the device. The location of the shift is determined by the relative levels of
VDD and VOUT. The shift typically occurs when VDD- VOUT = 1 V.
This slight shift (a few millivolts) takes place over a wide change (approximately 200 mV) in VDD or VOUT. Since
the shift takes place over a wide temperature change of 5°C to 20°C, VOUT is always monotonic. The accuracy
specifications in the Accuracy Characteristics table already include this possible shift.
9 Application and Implementation
9.1 Application Information
The LMT86/LMT86-Q1 features make it suitable for many general temperature sensing applications. It can
operate down to 2.2V supply with 5.4 uA power consumption making it ideal for battery powered devices.
Package options including through-hole TO-92 package allow the LMT86 to be mounted on-board, off-board, to a
heat sink, or on multiple unique locations in the same application.
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LMT86 LMT86-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com