Electronic Components Datasheet Search
  English  ▼

X  

LMT86LP Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LMT86LP
Description  SC70/TO-92,Analog Temperature Sensors with Class-AB Output
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMT86LP Datasheet(HTML) 3 Page - Texas Instruments

  LMT86LP Datasheet HTML 1Page - Texas Instruments LMT86LP Datasheet HTML 2Page - Texas Instruments LMT86LP Datasheet HTML 3Page - Texas Instruments LMT86LP Datasheet HTML 4Page - Texas Instruments LMT86LP Datasheet HTML 5Page - Texas Instruments LMT86LP Datasheet HTML 6Page - Texas Instruments LMT86LP Datasheet HTML 7Page - Texas Instruments LMT86LP Datasheet HTML 8Page - Texas Instruments LMT86LP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
LMT86, LMT86-Q1
www.ti.com
SNIS169C – MARCH 2013 – REVISED OCTOBER 2015
Device Comparison Table(1)
ORDER NUMBER
PACKAGE
PIN
BODY SIZE (NOM)
MOUNTING TYPE
LMT86DCK
SOT (AKA(2): SC70, DCK)
5
2.00 mm x 1.25 mm
Surface Mount
LMT86LP
TO-92 (AKA(2): LP)
3
4.3 mm x 3.5 mm
Through-hole; straight leads
LMT86LPM
TO-92 (AKA(2): LPM)
3
4.3 mm x 3.5 mm
Through-hole; formed leads
LMT86DCK-Q1
SOT (AKA(2): SC70, DCK)
5
2.00 mm x 1.25 mm
Surface Mount
(1)
For all available packages and complete order numbers, see the orderable addendum at the end of the data sheet.
(2)
AKA = Also Known As
Comparable Alternative Devices
PART NUMBER
AVERAGE OUTPUT SENSOR GAIN
POWER SUPPLY RANGE
LMT84/LMT84-Q1
–5.5 mV/°C
1.5V to 5.5V
LMT85/LMT85-Q1
–8.2 mV/°C
1.8V to 5.5V
LMT86/LMT86-Q1
–10.9 mV/°C
2.2V to 5.5V
LMT87/LMT87-Q1
–13.6 mV/°C
2.7V to 5.5V
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LMT86 LMT86-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com