Electronic Components Datasheet Search
  English  ▼

X  

LMV772 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LMV772
Description  Single/Dual/Quad, Low Offset, Low Noise, RRO Operational Amplifiers
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMV772 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LMV772 Datasheet HTML 6Page - Texas Instruments LMV772 Datasheet HTML 7Page - Texas Instruments LMV772 Datasheet HTML 8Page - Texas Instruments LMV772 Datasheet HTML 9Page - Texas Instruments LMV772 Datasheet HTML 10Page - Texas Instruments LMV772 Datasheet HTML 11Page - Texas Instruments LMV772 Datasheet HTML 12Page - Texas Instruments LMV772 Datasheet HTML 13Page - Texas Instruments LMV772 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
0.1
1
10
VOUT (VPP)
0.001
0.01
0.1
1
VS = 2.7V
VS = 5V
AV = +10
AV = +1
10
100
1k
10k
100k
FREQUENCY (Hz)
0.001
0.01
0.1
1
10
AV = +1
RL = 600:
AV = +10
VS = 5V, VO = 1VPP
VS = 2.7V, VO = 1VPP
VS = 5V, VO = 2.5VPP
VS = 2.7V, VO = 1VPP
-0.5
0.5
2 2.5
3.5 4
5.5
-500
-400
-200
-100
0
100
200
300
400
500
VCM (V)
-300
0
1 1.5
3
4.5 5
T = 25°C
VS = 2.7V
VS = 5V
-0.5
0.5
2 2.5
3.5 4
5.5
-50
-40
-20
-10
0
10
20
30
40
50
VCM (V)
-30
0
1 1.5
3
4.5 5
T = -40°C
VS = 2.7V
VS = 5V
10
100
1k
10k
FREQUENCY (Hz)
0
5
10
15
20
25
30
35
VS = 5V
VS = 2.7V
LMV771, LMV772, LMV774
SNOSA04F – MAY 2004 – REVISED SEPTEMBER 2010
www.ti.com
Typical Performance Characteristics (continued)
Input Voltage Noise
vs.
Frequency
Input Bias Current Over Temperature
Input Bias Current Over Temperature
Input Bias Current Over Temperature
THD+N
THD+N
vs.
vs.
Frequency
VOUT
10
Submit Documentation Feedback
Copyright © 2004–2010, Texas Instruments Incorporated
Product Folder Links: LMV771 LMV772 LMV774



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com