Electronic Components Datasheet Search
  English  ▼

X  

LMV772 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # LMV772
Description  Single/Dual/Quad, Low Offset, Low Noise, RRO Operational Amplifiers
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMV772 Datasheet(HTML) 14 Page - Texas Instruments

Back Button LMV772 Datasheet HTML 10Page - Texas Instruments LMV772 Datasheet HTML 11Page - Texas Instruments LMV772 Datasheet HTML 12Page - Texas Instruments LMV772 Datasheet HTML 13Page - Texas Instruments LMV772 Datasheet HTML 14Page - Texas Instruments LMV772 Datasheet HTML 15Page - Texas Instruments LMV772 Datasheet HTML 16Page - Texas Instruments LMV772 Datasheet HTML 17Page - Texas Instruments LMV772 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 34 page
background image
+
-
+
-
-
+
R2
KR2
R1
R1
R2
KR2
VOUT
V1
V2
V01
V02
R1
a
R11 =
100
1k
10k
100k
600k
FREQUENCY (Hz)
0
20
40
60
80
100
120
140
VS = 5V
VS = 2.7V
LMV771, LMV772, LMV774
SNOSA04F – MAY 2004 – REVISED SEPTEMBER 2010
www.ti.com
Typical Performance Characteristics (continued)
Crosstalk Rejection
vs.
Frequency (LMV772/LMV772Q/LMV774)
Application Note
LMV771/LMV772/LMV772Q/LMV774
The LMV771/LMV772LMV772Q/LMV774 are a family of precision amplifiers with very low noise and ultra low
offset voltage. LMV771/LMV772/LMV772Q/LMV774's extended temperature range of
−40°C to 125°C enables
the user to design this family of products into a variety of applications including automotive.
The LMV771 has a maximum offset voltage of 1mV over the extended temperature range. This makes the
LMV771 ideal for applications where precision is important.
The LMV772/LMV772Q/LMV774 have a maximum offset voltage of 1mV at room temperature and 1.2mV over
the extended temperature range of
−40°C to 125°C. Care must be taken when the LMV772/LMV772Q/LMV774
are designed into applications with heavy loads under extreme temperature conditions. As indicated in the DC
tables, the LMV772/LMV772Q/LMV774's gain and output swing may be reduced at temperatures between 85°C
and 125°C with loads heavier than 2k
Ω.
INSTRUMENTATION AMPLIFIER
Measurement of very small signals with an amplifier requires close attention to the input impedance of the
amplifier, gain of the overall signal on the inputs, and the gain on each input since we are only interested in the
difference of the two inputs and the common signal is considered noise. A classic solution is an instrumentation
amplifier. Instrumentation amplifiers have a finite, accurate, and stable gain. Also they have extremely high input
impedances and very low output impedances. Finally they have an extremely high CMRR so that the amplifier
can only respond to the differential signal. A typical instrumentation amplifier is shown in Figure 5.
Figure 5. Instrumentation Amplifier
14
Submit Documentation Feedback
Copyright © 2004–2010, Texas Instruments Incorporated
Product Folder Links: LMV771 LMV772 LMV774



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com