Electronic Components Datasheet Search
  English  ▼

X  

LMV772 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LMV772
Description  Single/Dual/Quad, Low Offset, Low Noise, RRO Operational Amplifiers
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMV772 Datasheet(HTML) 3 Page - Texas Instruments

  LMV772 Datasheet HTML 1Page - Texas Instruments LMV772 Datasheet HTML 2Page - Texas Instruments LMV772 Datasheet HTML 3Page - Texas Instruments LMV772 Datasheet HTML 4Page - Texas Instruments LMV772 Datasheet HTML 5Page - Texas Instruments LMV772 Datasheet HTML 6Page - Texas Instruments LMV772 Datasheet HTML 7Page - Texas Instruments LMV772 Datasheet HTML 8Page - Texas Instruments LMV772 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
LMV771, LMV772, LMV774
www.ti.com
SNOSA04F – MAY 2004 – REVISED SEPTEMBER 2010
Absolute Maximum Ratings
(1)
ESD Tolerance (2)
Machine Model
200V
Human Body Model
2000V
Differential Input Voltage
± Supply Voltage
Voltage at Input Pins
(V+) + 0.3V, (V–) – 0.3V
Current at Input Pins
±10 mA
Supply Voltage (V+–V −)
5.75V
Output Short Circuit to V+
(3)
Output Short Circuit to V−
(4)
Mounting Temperture
Infrared or Convection (20 sec)
235°C
Wave Soldering Lead Temp (10 sec)
260°C
Storage Temperature Range
−65°C to 150°C
Junction Temperature (5)
150°C
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but specific performance is not guaranteed. For guaranteed specifications and the test
conditions, see the Electrical Characteristics.
(2)
Human Body Model is 1.5 k
Ω in series with 100 pF. Machine Model is 0Ω in series with 20 pF.
(3)
Shorting output to V+ will adversely affect reliability.
(4)
Shorting output to V− will adversely affect reliability.
(5)
The maximum power dissipation is a function of TJ(MAX) , θJA, and TA. The maximum allowable power dissipation at any ambient
temperature is PD = (TJ(MAX)–T A) / θJA. All numbers apply for packages soldered directly into a PC board.
Operating Ratings
(1)
Supply Voltage
2.7V to 5.5V
Temperature Range
−40°C to 125°C
Thermal Resistance (
θJA)
SC70-5 Package
440 °C/W
8-Pin MSOP
235°C/W
8-Pin SOIC
190°C/W
14-Pin TSSOP
155°C/W
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but specific performance is not guaranteed. For guaranteed specifications and the test
conditions, see the Electrical Characteristics.
Copyright © 2004–2010, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LMV771 LMV772 LMV774



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com