Electronic Components Datasheet Search
  English  ▼

X  

LMV772 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # LMV772
Description  Single/Dual/Quad, Low Offset, Low Noise, RRO Operational Amplifiers
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMV772 Datasheet(HTML) 18 Page - Texas Instruments

Back Button LMV772 Datasheet HTML 14Page - Texas Instruments LMV772 Datasheet HTML 15Page - Texas Instruments LMV772 Datasheet HTML 16Page - Texas Instruments LMV772 Datasheet HTML 17Page - Texas Instruments LMV772 Datasheet HTML 18Page - Texas Instruments LMV772 Datasheet HTML 19Page - Texas Instruments LMV772 Datasheet HTML 20Page - Texas Instruments LMV772 Datasheet HTML 21Page - Texas Instruments LMV772 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 34 page
background image
f1 =
1
2SR1C1
f2 =
1
2SR2C2
HO =
-R2
R1
j (f/f1)
[1 + j (f/f1)]
H = HO
[1 + j (f/f2)]
Vi
R1
R2
+
-
VOUT
C2
C1
dB
0
f = fo
-20dB/dec
f (Hz)
|H|
|HO|
LMV771, LMV772, LMV774
SNOSA04F – MAY 2004 – REVISED SEPTEMBER 2010
www.ti.com
Figure 10. Highpass Filter Transfer Function
BAND PASS FILTER
Figure 11. Bandpass Filter
Combining a low pass filter and a high pass filter will generate a band pass filter. In this network the input
impedance forms the high pass filter while the feedback impedance forms the low pass filter. Choosing the
corner frequencies so that f1 < f2, then all the frequencies in between, f1 ≤ f ≤ f2, will pass through the filter while
frequencies below f1 and above f2 will be cut off.
The transfer function can be easily calculated using the same methodology as before.
(18)
Where
(19)
The transfer function is presented in the following figure.
18
Submit Documentation Feedback
Copyright © 2004–2010, Texas Instruments Incorporated
Product Folder Links: LMV771 LMV772 LMV774



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com