Electronic Components Datasheet Search
  English  ▼

X  

SM5905AF Datasheet(PDF) 3 Page - Nippon Precision Circuits Inc

Part # SM5905AF
Description  compression and non compression type shock-proof memory controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5905AF Datasheet(HTML) 3 Page - Nippon Precision Circuits Inc

  SM5905AF Datasheet HTML 1Page - Nippon Precision Circuits Inc SM5905AF Datasheet HTML 2Page - Nippon Precision Circuits Inc SM5905AF Datasheet HTML 3Page - Nippon Precision Circuits Inc SM5905AF Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5905AF Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5905AF Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5905AF Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5905AF Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5905AF Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 35 page
background image
NIPPON PRECISION CIRCUITS-3
SM5905AF
Pin number
Pin name
I/O
Function
Setting
HL
1
VDD2
-
VDD supply pin
2
UC1
Ip/O
Microcontroller interface extension I/O 1
3
UC2
Ip/O
Microcontroller interface extension I/O 2
4
UC3
Ip/O
Microcontroller interface extension I/O 3
5
UC4
Ip/O
Microcontroller interface extension I/O 4
6
VSS2
-
Ground
7
DIT
O
Digital audio interface
8
NTEST1
Ip
Test pin
Test
9
CLK
I
16.9344 MHz clock input
10
VSS1
-
Ground
11
YSRDATA
I
Audio serial input data
12
YLRCK
I
Audio serial input LR clock
Left channel
Right channel
13
YSCK
I
Audio serial input bit clock
14
ZSCK
O
Audio serial output bit clock
15
ZLRCK
O
Audio serial output LR clock
Left channel
Right channel
16
ZSRDATA
O
Audio serial output data
17
YFLAG
I
Signal processor IC RAM overflow flag
Overflow
18
YFCLK
I
Crystal-controlled frame clock
19
YBLKCK
I
Subcode block clock signal
20
NRESET
I
System reset pin
Reset
21
ZSENSE
O
Microcontroller interface status output
22
VDD1
-
VDD supply pin
23
YDMUTE
I
Forced mute pin
Mute
24
YMLD
I
Microcontroller interface latch clock
25
YMDATA
I
Microcontroller interface serial data
26
YMCLK
I
Microcontroller interface shift clock
27
NTEST2
Ip
Test pin
Test
28
NCAS2
O
DRAM2 CAS control(Use External DRAM)
29
D2
Ip/O
DRAM data input/output 2
30
D3
Ip/O
DRAM data input/output 3
31
D0
Ip/O
DRAM data input/output 0
32
D1
Ip/O
DRAM data input/output 1
33
NWE
O
DRAM WE control
34
NRAS
O
DRAM RAS control
35
A9
O
DRAM address 9
36
A8
O
DRAM address 8
37
A7
O
DRAM address 7
38
A6
O
DRAM address 6
39
A5
O
DRAM address 5
40
A4
O
DRAM address 4
41
A0
O
DRAM address 0
42
A1
O
DRAM address 1
43
A2
O
DRAM address 2
44
A3
O
DRAM address 3
Ip : Input pin with pull-up resistor
Ip/O : Input/Output pin (With pull-up resistor when in input mode)
28, 33 to 44 pins for high-impedance output and 29 to 32 pins for input pull-up condition except for using external DRAM.
Pin description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com