Electronic Components Datasheet Search
  English  ▼

X  

SM5905AF Datasheet(PDF) 14 Page - Nippon Precision Circuits Inc

Part # SM5905AF
Description  compression and non compression type shock-proof memory controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5905AF Datasheet(HTML) 14 Page - Nippon Precision Circuits Inc

Back Button SM5905AF Datasheet HTML 10Page - Nippon Precision Circuits Inc SM5905AF Datasheet HTML 11Page - Nippon Precision Circuits Inc SM5905AF Datasheet HTML 12Page - Nippon Precision Circuits Inc SM5905AF Datasheet HTML 13Page - Nippon Precision Circuits Inc SM5905AF Datasheet HTML 14Page - Nippon Precision Circuits Inc SM5905AF Datasheet HTML 15Page - Nippon Precision Circuits Inc SM5905AF Datasheet HTML 16Page - Nippon Precision Circuits Inc SM5905AF Datasheet HTML 17Page - Nippon Precision Circuits Inc SM5905AF Datasheet HTML 18Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 35 page
background image
NIPPON PRECISION CIRCUITS-14
SM5905AF
Digital Audio Interface settings 86
Sub code Q data settings 87
Bit
Name
Function
H operation Reset level
D7
CP1
Channel status and clock accuracy setting
L
CP1= 0, CP2= 0
Level 2
(max ± 300 ppm)
D6
CP2
CP1= 0, CP2= 1
Level 3
(max ± 10 %)
L
CP1= 1, CP2= 0
Level 1
(max ± 50 ppm)
CP1= 1, CP2= 1
Not supported
D5
LBIT
Digital audio signal generation logic. 0 = post-recording software
Unassigned
L
D4
DIT
Digital audio interface (DIT) enable. 0 = DIT output LOW
DIT= ON
L
D3
D2
D1
D0
1000 0110
86hex =
Bit
Name
Function
H operation Reset level
D11
QAD3
Q data setting and word address specification
L
D10
QAD2
QAD3 (MSB) to QAD0 (LSB) specify one of 10 valid addresses in the range 0000 to 1001.
L
D9
QAD1
* If an address in the range 1010 to 1111 is specified, the data on QD7 to QD0 is ignored.
L
D8
QAD0
Note that writing to address 1001 also functions as the write stop command.
L
D7
QD7
Q data setting ward data
Indefined
D6
QD6
Q data setting ward data
Indefined
D5
QD5
Q data setting ward data
Indefined
D4
QD4
Q data setting ward data
Indefined
D3
QD3
Q data setting ward data
Indefined
D2
QD2
Q data setting ward data
Indefined
D1
QD1
Q data setting ward data
Indefined
D0
QD0
Q data setting ward data
Indefined
1000 0111
87hex =
MSB
LSB
QAD3
QAD2
QAD1
QAD0
QD7
QD6
QD5
QD4
QD3
QD2
QD1
QD0
0
0
0
0
CTL0
CTL1
CTL2
CTL3
ADR3
ADR2
ADR1
ADR0
0
0
0
1
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
DQ8
0
0
1
0
DQ9
DQ10
DQ11
DQ12
DQ13
DQ14
DQ15
DQ16
0
0
1
1
DQ17
DQ18
DQ19
DQ20
DQ21
DQ22
DQ23
DQ24
0
1
0
0
DQ25
DQ26
DQ27
DQ28
DQ29
DQ30
DQ31
DQ32
0
1
0
1
DQ33
DQ34
DQ35
DQ36
DQ37
DQ38
DQ39
DQ40
0
1
1
0
DQ41
DQ42
DQ43
DQ44
DQ45
DQ46
DQ47
DQ48
0
1
1
1
DQ49
DQ50
DQ51
DQ52
DQ53
DQ54
DQ55
DQ56
1
0
0
0
DQ57
DQ58
DQ59
DQ60
DQ61
DQ62
DQ63
DQ64
1
0
0
1
DQ65
DQ66
DQ67
DQ68
DQ69
DQ70
DQ71
DQ72
When shockproof mode is ON, the Q data is specified according to the data output from the SM5905AF.
Adderss map for Q data setting beuffer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com