Electronic Components Datasheet Search
  English  ▼

X  

SM5905AF Datasheet(PDF) 7 Page - Nippon Precision Circuits Inc

Part # SM5905AF
Description  compression and non compression type shock-proof memory controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5905AF Datasheet(HTML) 7 Page - Nippon Precision Circuits Inc

Back Button SM5905AF Datasheet HTML 3Page - Nippon Precision Circuits Inc SM5905AF Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5905AF Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5905AF Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5905AF Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5905AF Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5905AF Datasheet HTML 9Page - Nippon Precision Circuits Inc SM5905AF Datasheet HTML 10Page - Nippon Precision Circuits Inc SM5905AF Datasheet HTML 11Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
NIPPON PRECISION CIRCUITS-7
SM5905AF
Parameter
Symbol
Rating
Unit
Min
Typ
Max
YMCLK LOW-level pulsewidth
tMCWL
30 + 2
tCY
ns
YMCLK HIGH-level pulsewidth
tMCWH
30 + 2
tCY
ns
YMDATA setup time
tMDS
30 +
tCY
ns
YMDATA hold time
tMDH
30 +
tCY
ns
YMLD LOW-level pulsewidth
tMLWL
30 + 2
tCY
ns
YMLD setup time
tMLS
30 +
tCY
ns
YMLD hold time
tMLH
30 +
tCY
ns
Rise time
tr
100
ns
Fall time
tf
100
ns
ZSENSE output delay
tPZS
100 + 3
tCY
ns
Note.
tCY is the system clock cycle time (59ns typ).
YMDATA
YMCLK
ZSENSE
YMLD
YMDATA
YMCLK
YMLD
MDS
t
MDH
t
MCWL
t
MLS
t
MCWH
t
MLH
t
MLWL
t
PZS
t
0.5VDD
0.5VDD
0.5VDD
0.5VDD
0.5VDD
0.5VDD
0.3 VDD
0.3 VDD
0.7 VDD
0.7 VDD
f
t
r
t
Reset input (NRESET pin)
Parameter
Symbol
Rating
Unit
Min
Typ
Max
First HIGH-level after supply voltage rising edge
tHNRST
0
tCY (Note)
NRESET pulsewidth
tNRST
64
tCY (Note)
Note.
tCY is the system clock (CLK) input (384fs) cycle time.
tCY = 59 ns, tNRST (min) = 3.8 µs when fs = 44.1 kHz
NRESET
VDD
HNRST
t
tNRST
Microcontroller interface (YMCLK, YMDATA, YMLD, ZSENSE pins)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com