Electronic Components Datasheet Search
  English  ▼

X  

SM5905AF Datasheet(PDF) 9 Page - Nippon Precision Circuits Inc

Part # SM5905AF
Description  compression and non compression type shock-proof memory controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5905AF Datasheet(HTML) 9 Page - Nippon Precision Circuits Inc

Back Button SM5905AF Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5905AF Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5905AF Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5905AF Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5905AF Datasheet HTML 9Page - Nippon Precision Circuits Inc SM5905AF Datasheet HTML 10Page - Nippon Precision Circuits Inc SM5905AF Datasheet HTML 11Page - Nippon Precision Circuits Inc SM5905AF Datasheet HTML 12Page - Nippon Precision Circuits Inc SM5905AF Datasheet HTML 13Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 35 page
background image
NIPPON PRECISION CIRCUITS-9
SM5905AF
;;;;;;;;;;;;;;;;;;;;;;;;;
;;;;;;;;;;;;;;;;;;;;;;;;;
;;;;;;;;;;;;;;;;;;;;;;;;;
;;;;;;;;;;;;;;;;;;;;;;;;;
;;;;;;;;;
;;;;;;;;;
;;;;;;;;;
;;;;;;;;;
;;;;;;;;;;;;;;
;;;;;;;;;;;;;;
;;;;;;;;;;;;;;
;;;;;;;;;;;;;;
;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;
;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;
;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;
;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;
;;;;;;;;;;;;
;;;;;;;;;;;;
;;;;;;;;;;;;
;;;;;;;;;;;;
;;;;;;;
;;;;;;;
;;;;;;;
;;;;;;;
NCAS2
A0 to A9
D0 to D3
(WRITE)
NRAS
D0 to D3
(READ)
NWE
(WRITE)
3
WCS
t
6
WEL
t
CRDH
t
CRDS
t
CWDH
t
CWDS
t
33
5
CADH
t
CADS
t
RADH
t
RADS
t
11
1
5
3
2
tRCD
tCASL
CASH
t
RASH
t
3
tCY
5
RASL
t
tCY
tCY
tCY
tCY
tCY
tCY
tCY
tCY
tCY
tCY
tCY
tCY
DRAM access timing (with double DRAM)
∗ Use external DRAM.
The NWE terminal output is fixed HIGH during read timing.
DIT Interface (DIT pin)
tDI0H
0.5VDD
DIT
tDI0L
tDI1H tDI1L
6
tCY
6
tCY
3
tCY 3tCY
Parameter
Symbol
Condition
Rating
Unit
Min
Typ
Max
0 data H level
tDI0H
15 pF load
6
tCY(Note)
0 data L level
tDI0L
15 pF load
6
tCY
1 data H level
tDI1H
15 pF load
3
tCY
1 data L level
tDI1L
15 pF load
3
tCY
Note.
tCY is the system clock (CLK) input (384fs) cycle time. tCY = 59 ns when fs = 44.1 kHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com