Electronic Components Datasheet Search
  English  ▼

X  

SM5907 Datasheet(PDF) 5 Page - Nippon Precision Circuits Inc

Part # SM5907
Description  compression and non compression type shock-proof memory controller
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5907 Datasheet(HTML) 5 Page - Nippon Precision Circuits Inc

  SM5907 Datasheet HTML 1Page - Nippon Precision Circuits Inc SM5907 Datasheet HTML 2Page - Nippon Precision Circuits Inc SM5907 Datasheet HTML 3Page - Nippon Precision Circuits Inc SM5907 Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5907 Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5907 Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5907 Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5907 Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5907 Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
NIPPON PRECISION CIRCUITS-5
SM5907AF
(*1)
Pin function
Clock input pin (AC input)
Pin name
CLK
(*2)
Pin function
Schmitt input pins
Pin name
YSRDATA, YLRCK, YSCK, YFLAG, YFCLK, NRESET,
YBLKCK, YDMUTE, YMLD, YMDATA, YMCLK
(*3)
Pin function
Schmitt input pin with pull-up
Pin name
NTEST
(*4)
Pin function
I/O pins (Schmitt input with pull-up in input state)
Pin name
UC1, UC2, UC3, UC4, UC5, D0, D1, D2, D3
(*5)
Pin function
Outputs
Pin name
ZSCK, ZLRCK, ZSRDATA, ZSENSE, NCAS, NCAS2, NCAS3,
NWE, NRAS, A0, A1, A2, A3, A4, A5, A6, A7, A8, A9, A10
Low-voltage:(VDD1 = VDD2 = 2.4 to 3.0 V, VSS = 0 V, Ta = - 20 to 70 ˚C)
<Pin summary>
Parameter
Pin
Symbol
Condition
Rating
Unit
Min
Typ
Max
Current consumption
VDD
IDD
(*B)SHPRF ON
4.5
8.0
mA
(*B)Through mode
1.8
3.0
mA
Input voltage
CLK
H level
VIH1
0.7VDD
V
L level
VIL1
0.3VDD
V
VINAC
AC coupling
1.0
VP-P
(*2,3,4)
H level
VIH2
0.7VDD
V
L level
VIL2
0.3VDD
V
Output voltage
(*4,5)
H level
VOH1
IOH = - 0.5 mA
VDD - 0.4
V
L level
VOL1
IOL = 0.5 mA
0.4
V
Input current
CLK
IIH1
VIN = VDD
5
25
115
µA
IIL1
VIN = 0V
5
25
115
µA
(*3,4)
IIL2
VIN = 0V
1
4
15
µA
Input leakage current
(*2,3,4)
ILH
VIN = VDD
1.0
µA
(*2)
ILL
VIN = 0V
1.0
µA
(*B) VDD1 = VDD2 = 3 V, CLK input frequency fXTI= 384fs = 16.9344 MHz, all outputs unloaded,
SHPRF: Shock-proof,
typical values are for VDD1 = VDD2 = 3 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com