Electronic Components Datasheet Search
  English  ▼

X  

SM5907 Datasheet(PDF) 1 Page - Nippon Precision Circuits Inc

Part # SM5907
Description  compression and non compression type shock-proof memory controller
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5907 Datasheet(HTML) 1 Page - Nippon Precision Circuits Inc

  SM5907 Datasheet HTML 1Page - Nippon Precision Circuits Inc SM5907 Datasheet HTML 2Page - Nippon Precision Circuits Inc SM5907 Datasheet HTML 3Page - Nippon Precision Circuits Inc SM5907 Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5907 Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5907 Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5907 Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5907 Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5907 Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
NIPPON PRECISION CIRCUITS INC.
NIPPON PRECISION CIRCUITS-1
SM5907AF
compression and non compression type
shock-proof memory controller
Overview
- 2-channel processing
- Serial data input
⋅ 2s complement, 16-bit/MSB first, right-justified
format
⋅ Wide capture function
(up to 3
× speed input rate)
- System clock input
⋅ 384fs (16.9344 MHz)
- Shock-proof memory controller
⋅ ADPCM compression method
⋅ 4-level compression mode selectable
4-bit compression mode 2.78 s/Mbit
5-bit compression mode 2.22 s/Mbit
6-bit compression mode 1.85 s/Mbit
Full-bit non compression mode 0.74 s/Mbit
⋅ 4 external DRAM configurations selectable
1 or 2
× 16M DRAM (4M × 4 bits, refresh
cycle = 2048 cycle)
1 or 2
× 4M DRAM (1M × 4 bits)
- Microcontroller interface
⋅ Serial command write and status read-out
⋅ Data residual detector:
15-bit operation, 16-bit output
⋅ Forced mute
- Extension I/O
Microcontroller interface for external control
using 5 extension I/O pins
- +2.4 to +3.6 V operating voltage range
- Schmitt inputs
All input pins (including I/O pins) except CLK
(system clock)
- Reset signal noise elimination
Approximately 3.8
µs or longer (65 system
clock pulses) continuous LOW-level reset
- 44-pin QFP package (0.8 mm pin pitch)
The SM5907AF is a compression and non com-
pression type shock-proof memory controller LSI for
compact disc players. The compression level can
be set in 4 levels, and external memory can be
selected from 4 options (4M, 4M
× 2, 16M, 16M× 2).
It operates from a 2.4 to 3.6 V supply voltage
range.
Features
Ordering Information
SM5907AF
44-pin QFP


Similar Part No. - SM5907

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM5901AF NPC-SM5901AF Datasheet
154Kb / 31P
compression and non compression type anti-shock memory controller with built-in 1M DRAM
SM5902 NPC-SM5902 Datasheet
312Kb / 40P
compression and non compression type shock-proof memory controller
SM5902AF NPC-SM5902AF Datasheet
312Kb / 40P
compression and non compression type shock-proof memory controller
logo
Silicon Mitus, Inc.
SM5903 SILICONMITUS-SM5903 Datasheet
198Kb / 2P
Wireless Power Transmitter/Receiver (TRx) Supporting Medium Power
July 2021 Rev. 0.0.3
logo
Nippon Precision Circui...
SM5903BF NPC-SM5903BF Datasheet
246Kb / 31P
compression and non compression type shock-proof memory controller
More results

Similar Description - SM5907

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM5859AF NPC-SM5859AF Datasheet
173Kb / 33P
compression and non compression type antishock memory controller
SM5901AF NPC-SM5901AF Datasheet
154Kb / 31P
compression and non compression type anti-shock memory controller with built-in 1M DRAM
SM5902AF NPC-SM5902AF Datasheet
312Kb / 40P
compression and non compression type shock-proof memory controller
SM5903BF NPC-SM5903BF Datasheet
246Kb / 31P
compression and non compression type shock-proof memory controller
SM5903CF NPC-SM5903CF Datasheet
176Kb / 31P
compression and non compression type anti-shock memory controller
SM5904BF NPC-SM5904BF Datasheet
266Kb / 35P
compression and non compression type shock-proof memory controller
SM5904CF NPC-SM5904CF Datasheet
267Kb / 35P
compression and non compression type
SM5905AF NPC-SM5905AF Datasheet
200Kb / 35P
compression and non compression type shock-proof memory controller
SM5906AF NPC-SM5906AF Datasheet
231Kb / 30P
Shock-proof Memory Controller for Video CD Players
SM5903BF NPC-SM5903BF_00 Datasheet
196Kb / 31P
compression and non compression type shock-proof memory controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com