Electronic Components Datasheet Search
  English  ▼

X  

SM5907 Datasheet(PDF) 21 Page - Nippon Precision Circuits Inc

Part # SM5907
Description  compression and non compression type shock-proof memory controller
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5907 Datasheet(HTML) 21 Page - Nippon Precision Circuits Inc

Back Button SM5907 Datasheet HTML 17Page - Nippon Precision Circuits Inc SM5907 Datasheet HTML 18Page - Nippon Precision Circuits Inc SM5907 Datasheet HTML 19Page - Nippon Precision Circuits Inc SM5907 Datasheet HTML 20Page - Nippon Precision Circuits Inc SM5907 Datasheet HTML 21Page - Nippon Precision Circuits Inc SM5907 Datasheet HTML 22Page - Nippon Precision Circuits Inc SM5907 Datasheet HTML 23Page - Nippon Precision Circuits Inc SM5907 Datasheet HTML 24Page - Nippon Precision Circuits Inc SM5907 Datasheet HTML 25Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
NIPPON PRECISION CIRCUITS-21
SM5907AF
13.3ms
VWA latch set
WAQV set
VWA(x)
VWA(x + 1)
YBLKCK
Microcontroller data set
Refer to Microcontroller interface
VWA
Values shown are for rate fs. The values are 1/2 those shown at rate 2fs.
Fig 2. YBLKCK and VWA relationship
The VWA is determined according to the YBLKCK
pin and WAQV command. Refer to the timing chart
below.
1.YBLKCK is a 75 Hz clock(HIGH for 136
µs) when
used for normal read mode and it is a 150 Hz clock
when used for double-speed read mode, synchro-
nized to the CD format block end timing.
When this clock goes LOW, WA which is the write
address of internal encode sequence, is stored
(see note 2).
2.The microcontroller checks the subcode and, if
confirmed to be correct, generates a WAQV com-
mand (80H).
3.When the WAQV command is received, the previ-
ously latched WA is stored as the VWA.
(note 2) Actually, there is a small time difference, or
gap, between the input data and YBLKCK. This gap
serves to preserves the preceding WA to protect
against incorrect operation.
RAM addresses
The SM5907AF uses either 1 or 2 external 4M or
16M DRAMs as external buffers.
Three kinds of addresses are used for external
RAM control.
WA (write address)
RA (read address)
VWA (valid write address)
Among these, VWA is the write address for con-
forming data whose validity has been confirmed.
Determination of the correctness of data read from
the CD is delayed relative to the encode write pro-
cessing, so VWA is always delayed relative to WA.
The region available for valid data is the area
between VWA-RA.
- Connect data work area
This is an area of memory reserved for connect
data. This area is 4k bits if using 4M DRAMs or 8k
bits if using 16M DRAMs.
Fig 1. RAM addresses
RA
WA
VWA
Valid data
area
Connect data work area
VWA (valid write address)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com