Electronic Components Datasheet Search
  English  ▼

X  

SM5907 Datasheet(PDF) 8 Page - Nippon Precision Circuits Inc

Part # SM5907
Description  compression and non compression type shock-proof memory controller
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5907 Datasheet(HTML) 8 Page - Nippon Precision Circuits Inc

Back Button SM5907 Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5907 Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5907 Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5907 Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5907 Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5907 Datasheet HTML 9Page - Nippon Precision Circuits Inc SM5907 Datasheet HTML 10Page - Nippon Precision Circuits Inc SM5907 Datasheet HTML 11Page - Nippon Precision Circuits Inc SM5907 Datasheet HTML 12Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
NIPPON PRECISION CIRCUITS-8
SM5907AF
Parameter
Symbol
Condition
Rating
Unit
Min
Typ
Max
ZSCK pulsewidth
tSCOW
15 pF load
1/96fs
ZSCK pulse cycle
tSCOY
15 pF load
1/48fs
ZSRDATA and ZLRCK output delay time
tDHL
15 pF load
0
60
ns
tDLH
15 pF load
0
60
ns
DRAM access timing (NRAS, NCAS, NCAS2, NCAS3, NWE, A0 to A10, D0 to D3)
Parameter
Symbol
Condition
Rating
Unit
Min
Typ
Max
NRAS pulsewidth
tRASL
15 pF load
5
tCY(note)
tRASH
15 pF load
3
tCY
NRAS falling edge to NCAS falling edge
tRCD
15 pF load
2
tCY
NCAS pulsewidth
tCASH
15 pF load
5
tCY
tCASL
15 pF load
3
tCY
NRAS
Setup time
tRADS
15 pF load
1
tCY
falling edge to address
Hold time
tRADH
15 pF load
1
tCY
NCAS
Setup time
tCADS
15 pF load
1
tCY
falling edge to address
Hold time
tCADH
15 pF load
5
tCY
NCAS
Setup time
tCWDS
15 pF load
3
tCY
falling edge to data write
Hold time
tCWDH
15 pF load
3
tCY
NCAS
Input setup
tCRDS
40
ns
rising edge to data read
Input hold
tCRDH
0ns
NWE pulsewidth
tWEL
15 pF load
6
tCY
NWE falling edge to NCAS falling edge
tWCS
15 pF load
3
tCY
Non compression
3.0
ms
Refresh cycle
4M
6-bit compression
7.3
ms
(fs = 44.1 kHz playback)
DRAM 5-bit compression
8.8
ms
tREF
× 1 or × 2 4-bit compression
10.9
ms
Memory system ON
Non compression
5.9
ms
Decode sequence operation
16M
6-bit compression
14.6
ms
(RDEN=H)
DRAM 5-bit compression
17.5
ms
× 1 or × 2 4-bit compression
21.8
ms
Note.
tCY is the system clock (CLK) input (384fs) cycle time. tCY = 59 ns when fs = 44.1 kHz
ZSCK
ZSRDATA
0.5VDD
DLH
ZLRCK
0.5VDD
DHL
ttDLH
SCOW
t
tSCOW
t
SCOY
t
Serial output (ZSRDATA, ZLRCK, ZSCK pins)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com