Electronic Components Datasheet Search
  English  ▼

X  

LM92 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LM92
Description  Accurate, 12-Bit Sign Temperature Sensor and Thermal Window Comparator With Two-Wire Interface
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM92 Datasheet(HTML) 4 Page - Texas Instruments

  LM92 Datasheet HTML 1Page - Texas Instruments LM92 Datasheet HTML 2Page - Texas Instruments LM92 Datasheet HTML 3Page - Texas Instruments LM92 Datasheet HTML 4Page - Texas Instruments LM92 Datasheet HTML 5Page - Texas Instruments LM92 Datasheet HTML 6Page - Texas Instruments LM92 Datasheet HTML 7Page - Texas Instruments LM92 Datasheet HTML 8Page - Texas Instruments LM92 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
LM92
SNIS110D – MARCH 2000 – REVISED MARCH 2013
www.ti.com
Electrical Characteristics Temperature-to-Digital Converter Characteristics
Unless otherwise noted, these specifications apply for +VS= +2.7V to +5.5V for LM92CIM . Boldface limits apply for TA = TJ
= TMIN to TMAX; all other limits TA= TJ= +25°C, unless otherwise noted.
Typical(1)
Limits(2)
Unit
Parameter
Conditions
(Limit)
Accuracy (This is a summary. For more
T A = +30°C, +VS = 3.3V to 4.0V
±0.33
detailed information please see (3))
T A = 10°C or +50°C, +VS = 3.3V to
±0.50
4.0V
T A = −10 °C or +85°C, +VS = 3.3V
±1.00
°C (max)
to 4.0V
T A = +125°C, +VS = 4.0V
±1.25
T A = −25°C to 150°C, +VS = 4.0V
±1.50
Resolution
(4)
13
Bits
0.0625
°C
Linearity (5)
±0.5
°C (max)
Offset Error of Transfer Function (6)
+VS = 4.0V
°C (max)
Offset Error of Transfer Function Supply
2.7V
≤ +VS< 3.6V
°C/V (max)
Sensitivity
3.6V
≤ +VS≤ 5.5V
°C/V (max)
Temperature Conversion Time
(7)
500
1000
ms
Quiescent Current
I2C Inactive
0.35
mA
I2C Active
0.35
0.625
mA (max)
Shutdown Mode
5
µA
T HYST Default Temperature
(8) (9)2
°C
T LOW Default Temperature
(9)
10
°C
T HIGH Default Temperature
(9)
64
°C
T C Default Temperature
(9)
80
°C
(1)
Typical values are at TA = 25 °C and represent most likely parametric norm.
(2)
Limits are guaranteed to TI's AOQL (Average Outgoing Quality Level).
(3)
The limits found in Table 1 supersede the limits shown in the Electrical Characteristics Table. The Accuracy specification includes errors
due to linearity, offset and gain. The accuracy specification includes effects of self heating with negligible digital output loading. Pull-up
resistors should be maximized (10k typical recommended), so that self heating due to digital output loading is negligible.
(4)
Limits at intermediate temperatures can be calculated using a straight line interpolation as shown in Figure 2 and Figure 3.
(5)
Linearity Error is defined as the worse case difference of an actual reading to that of a calculated reading derived from the straight line
whose endpoints are measured at 30°C and 125°C for the range of 30°C to 125°C or whose endpoints are measured at 30°C and
−25°C for the range of 30°C to −25°.
(6)
Offset Error calibration should be done at 30°C. The residual error of the transfer function is then equivalent to the Accuracy Limit minus
the Offset Limit. This does not take into account the power supply sensitivity of the offset error. Nor, does it take into account the error
introduced by the calibration system used.
(7)
This specification is provided only to indicate how often temperature data is updated. The LM92 can be read at any time without regard
to conversion state (and will yield last conversion result). If a conversion is in process it will be interrupted and restarted after the end of
the read.
(8)
12 bits + sign, two's complement
(9)
Default values set at power up.
Figure 2. Accuracy vs Temperature with +Vs = 5V
4
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: LM92



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com