Electronic Components Datasheet Search
  English  ▼

X  

LM92 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # LM92
Description  Accurate, 12-Bit Sign Temperature Sensor and Thermal Window Comparator With Two-Wire Interface
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM92 Datasheet(HTML) 14 Page - Texas Instruments

Back Button LM92 Datasheet HTML 10Page - Texas Instruments LM92 Datasheet HTML 11Page - Texas Instruments LM92 Datasheet HTML 12Page - Texas Instruments LM92 Datasheet HTML 13Page - Texas Instruments LM92 Datasheet HTML 14Page - Texas Instruments LM92 Datasheet HTML 15Page - Texas Instruments LM92 Datasheet HTML 16Page - Texas Instruments LM92 Datasheet HTML 17Page - Texas Instruments LM92 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
LM92
SNIS110D – MARCH 2000 – REVISED MARCH 2013
www.ti.com
THYST, TLOW, THIGH AND T_CRIT_A REGISTERS
Table 5. (Read/Write):
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Sign
MSB
Bit 10
Bit 9
Bit 8
Bit7
Bit6
Bit5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
X
X
X
D0–D2: Undefined
D3–D15: THYST, TLOW, THIGH or T_CRIT Trip Temperature Data. Power up default is TLOW = 10°C, THIGH = 64°C,
T_CRIT = 80°C, THYST = 2°C.
THYST is subtracted from THIGH, and T_CRIT, and added to TLOW.
Avoid programming setpoints so close that their hysteresis values overlap. See TEMPERATURE COMPARISON.
Manufacturer's Identification Register
Table 6. (Read only):
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
1
0
0
0
0
0
0
0
0
0
0
0
0
0
0
1
D0–D15: Manufactures ID.
14
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: LM92



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com