Electronic Components Datasheet Search
  English  ▼

X  

LM92 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LM92
Description  Accurate, 12-Bit Sign Temperature Sensor and Thermal Window Comparator With Two-Wire Interface
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM92 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM92 Datasheet HTML 2Page - Texas Instruments LM92 Datasheet HTML 3Page - Texas Instruments LM92 Datasheet HTML 4Page - Texas Instruments LM92 Datasheet HTML 5Page - Texas Instruments LM92 Datasheet HTML 6Page - Texas Instruments LM92 Datasheet HTML 7Page - Texas Instruments LM92 Datasheet HTML 8Page - Texas Instruments LM92 Datasheet HTML 9Page - Texas Instruments LM92 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
LM92
SNIS110D – MARCH 2000 – REVISED MARCH 2013
www.ti.com
Digital DC Characteristics (continued)
Unless otherwise noted, these specifications apply for +VS= +2.7V to +5.5V for LM92CIM . Boldface limits apply for TA = TJ
= TMIN to TMAX; all other limits TA= TJ= +25 °C, unless otherwise noted.
Typical(1)
Limits(2)
Unit
Symbol
Parameter
Conditions
(Limit)
T_CRIT_A Output Saturation Voltage
I OUT = 4.0 mA
0.8
V (max)
(3)
T_CRIT_A Delay
1
Conversions
(max)
t OF
Output Fall Time
C L = 400 pF
250
ns (max)
I O = 3 mA
(3)
For best accuracy, minimize output loading. 10k pull-ups resistors should be sufficient. Higher sink currents can affect sensor accuracy
with internal heating. This can cause an error of 0.64 °C at full rated sink current and saturation voltage based on junction-to-ambient
thermal resistance.
Serial Bus Digital Switching Characteristics
Unless otherwise noted, these specifications apply for +VS= +2.7V to +5.5V for LM92CIM . Boldface limits apply for TA = TJ
= TMIN to TMAX; all other limits TA= TJ= +25 °C, unless otherwise noted. CL (load capacitance) on output lines = 80 pF unless
otherwise specified. Boldface limits apply for TA = TJ = TMIN to TMAX; all other limits TA = TJ = +25 °C, unless otherwise noted.
Typical(1)
Limits(2) (3)
Unit
Symbol
Parameter
Conditions
(Limit)
t 1
SCL (Clock) Period
2.5
µs(min)
1
ms(max)
t 2
Data in Set-Up Time to SCL High
100
ns(min)
t 3
Data Out Stable after SCL Low
0
ns(min)
t 4
SDA Low Set-Up Time to SCL Low (Start Condition)
100
ns(min)
t 5
SDA High Hold Time after SCL High (Stop Condition)
100
ns(min)
tTIMEOUT
SDA and SCL Time Low for Reset of Serial Interface (4)
75
ms (min)
300
ms (max)
(1)
Typical values are at TA = 25 °C and represent most likely parametric norm.
(2)
Limits are guaranteed to TI's AOQL (Average Outgoing Quality Level).
(3)
Timing specifications are tested at the bus input logic levels (Vin(0)=0.3xVA for a falling edge and Vin(1)=0.7xVA for a rising edge) when
the SCL and SDA edge rates are similar.
(4)
Holding the SDA and/or SCL lines Low for a time interval greater than tTIMEOUT will cause the LM92 to reset SCL and SDA to the IDLE
state of the serial bus communication (SDA and SCL set High).
Figure 4. Serial Bus Communication
6
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: LM92



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com