Electronic Components Datasheet Search
  English  ▼

X  

LM92 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LM92
Description  Accurate, 12-Bit Sign Temperature Sensor and Thermal Window Comparator With Two-Wire Interface
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM92 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM92 Datasheet HTML 5Page - Texas Instruments LM92 Datasheet HTML 6Page - Texas Instruments LM92 Datasheet HTML 7Page - Texas Instruments LM92 Datasheet HTML 8Page - Texas Instruments LM92 Datasheet HTML 9Page - Texas Instruments LM92 Datasheet HTML 10Page - Texas Instruments LM92 Datasheet HTML 11Page - Texas Instruments LM92 Datasheet HTML 12Page - Texas Instruments LM92 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
LM92
www.ti.com
SNIS110D – MARCH 2000 – REVISED MARCH 2013
DEFAULT SETTINGS
The LM92 always powers up in a known state. LM92 power up default conditions are:
1. Comparator Interrupt Mode
2. TLOW set to 10 °C
3. THIGH set to 64 °C
4. T_CRIT set to 80 °C
5. THYST set to 2 °C
6. INT and T_CRIT_A active low
7. Pointer set to “00”; Temperature Register
The LM92 registers will always reset to these default values when the power supply voltage is brought up from
zero volts as the supply crosses the voltage level plotted in the following curve. The LM92 registers will reset
again when the power supply drops below the voltage plotted in this curve.
Figure 6. Average Power on Reset Voltage vs Temperature
SERIAL BUS INTERFACE
The LM92 operates as a slave on the Serial Bus, so the SCL line is an input (no clock is generated by the LM92)
and the SDA line is a bi-directional serial data line. According to Serial Bus specifications, the LM92 has a 7-bit
slave address. The five most significant bits of the slave address are hard wired inside the LM92 and are
“10010”. The two least significant bits of the address are assigned to pins A1–A0, and are set by connecting
these pins to ground for a low, (0); or to +VS for a high, (1).
Therefore, the complete slave address is:
1
0
0
1
0
A1
A0
MSB
LSB
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM92



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com