Electronic Components Datasheet Search
  English  ▼

X  

ISO7420FE Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7420FE
Description  ISO742x Low-Power Dual Channel Digital Isolators
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO7420FE Datasheet(HTML) 5 Page - Texas Instruments

  ISO7420FE Datasheet HTML 1Page - Texas Instruments ISO7420FE Datasheet HTML 2Page - Texas Instruments ISO7420FE Datasheet HTML 3Page - Texas Instruments ISO7420FE Datasheet HTML 4Page - Texas Instruments ISO7420FE Datasheet HTML 5Page - Texas Instruments ISO7420FE Datasheet HTML 6Page - Texas Instruments ISO7420FE Datasheet HTML 7Page - Texas Instruments ISO7420FE Datasheet HTML 8Page - Texas Instruments ISO7420FE Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
ISO7420E, ISO7420FE, ISO7421E, ISO7421FE
www.ti.com
SLLSE45F – DECEMBER 2010 – REVISED JULY 2015
6 Specifications
6.1 Absolute Maximum Ratings
(1)
MIN
MAX
UNIT
VCC
Supply voltage(2), VCC1, VCC2
–0.5
6
V
VI
Voltage at IN, OUT
–0.5
VCC + 0.5
(3)
V
IO
Output current
±15
mA
VSRG
Maximum surge immunity - Supports IEC 61000-4-5
4000
VPK
TJ(Max)
Maximum junction temperature
150
°C
Tstg
Storage temperature
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to network ground terminal and are peak voltage values.
(3)
Maximum voltage must not exceed 6 V.
6.2 ESD Ratings
VALUE
UNIT
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±3000
V(ESD) Electrostatic discharge
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
±1500
V
Machine model (MM) ANSI/ESDS5.2-1996
±200
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.3 Recommended Operating Conditions
MIN
NOM
MAX
UNIT
VCC1, VCC2
Supply voltage
3.0
5.5
V
IOH
High-level output current
–4
mA
IOL
Low-level output current
4
mA
VIH
High-level input voltage
2
5.5
V
VIL
Low-level input voltage
0
0.8
V
tui
Input pulse duration
20
ns
1 / tui
Signaling rate
0
50(1)
Mbps
TJ
(2)
Junction temperature
–40
136
°C
TA
Ambient Temperature
-40
25
125
°C
(1)
Under typical conditions, these devices are capable of signaling rate > 150 Mbps.
(2)
To maintain the recommended operating conditions for TJ, see the Thermal Information table.
6.4 Thermal Information
ISO742x
THERMAL METRIC(1)
D (SOIC)
UNIT
8 PINS
RθJA
Low-K board
212
Junction-to-ambient thermal
°C/W
resistance
High-K board
116.6
RθJC(top)
Junction-to-case (top) thermal resistance
71.6
°C/W
RθJB
Junction-to-board thermal resistance
57.3
°C/W
ψJT
Junction-to-top characterization parameter
28.3
°C/W
ψJB
Junction-to-board characterization parameter
56.8
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
Copyright © 2010–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: ISO7420E ISO7420FE ISO7421E ISO7421FE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com