Electronic Components Datasheet Search
  English  ▼

X  

ISO7420FE Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7420FE
Description  ISO742x Low-Power Dual Channel Digital Isolators
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO7420FE Datasheet(HTML) 3 Page - Texas Instruments

  ISO7420FE Datasheet HTML 1Page - Texas Instruments ISO7420FE Datasheet HTML 2Page - Texas Instruments ISO7420FE Datasheet HTML 3Page - Texas Instruments ISO7420FE Datasheet HTML 4Page - Texas Instruments ISO7420FE Datasheet HTML 5Page - Texas Instruments ISO7420FE Datasheet HTML 6Page - Texas Instruments ISO7420FE Datasheet HTML 7Page - Texas Instruments ISO7420FE Datasheet HTML 8Page - Texas Instruments ISO7420FE Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
ISO7420E, ISO7420FE, ISO7421E, ISO7421FE
www.ti.com
SLLSE45F – DECEMBER 2010 – REVISED JULY 2015
Changes from Revision C (March 2011) to Revision D
Page
•
Changed SAFETY feature Bullet From: UL 1577 Approved; Other Approvals Pending To: All Agencies Approvals
Completed .............................................................................................................................................................................. 1
•
Changed the REGULATORY INFORMATION table ............................................................................................................ 18
Changes from Revision B (January 2011) to Revision C
Page
•
Added devices ISO7420FCC and ISO7421FCC.................................................................................................................... 1
•
Changed Feature bullet To: Low Propagation Delay: 7 ns Typical (E-Grade) ....................................................................... 1
•
Changed Feature bullet To: Low Pulse Skew: 200 Typical (E-Grade)................................................................................... 1
•
Changed the SAFETY and REGULATORY APPROVALS list............................................................................................... 1
•
Changed the data sheet DESCRIPTION................................................................................................................................ 1
•
Changed the Supply Current values for ISO7421x at 10, 25, and 50 Mbps .......................................................................... 6
•
Changed the Supply Current values for ISO7421x at 10, 25, and 50 Mbps .......................................................................... 7
•
Changed the Supply Current values for ISO7421x at 10, 25, and 50 Mbps .......................................................................... 8
•
Changed the Supply Current values for ISO7421x 25 and 50 Mbps ..................................................................................... 9
•
Added CC-grade and valued to tPLH, tPHL in the Switching Characteristics table ................................................................. 10
•
Added ISO7421x values for Pulse width distortion, Channel-to-channel output skew time, and Part-to-part skew time .... 10
•
Added CC-grade and valued to tPLH, tPHL in the Switching Characteristics table ................................................................. 10
•
Added ISO7421x values for Pulse width distortion and Channel-to-channel output skew time........................................... 10
•
Added CC-grade and valued to tPLH, tPHL in the Switching Characteristics table ................................................................. 11
•
Added CC-grade and valued to tPLH, tPHL in the Switching Characteristics table ................................................................. 11
•
Added graphs Figure 5, Figure 6, Figure 7, and Figure 8 .................................................................................................... 12
•
Added graphs Figure 14 and Figure 15................................................................................................................................ 13
•
Changed Note 1 Figure 16 ................................................................................................................................................... 15
•
Changed Figure 17 ............................................................................................................................................................... 15
•
Changed the Available Options Table .................................................................................................................................. 17
•
Changed Isolation resistance test conditions ....................................................................................................................... 17
•
Changed the values of VIORM and VPR in the INSULATION CHARACTERISTICS table ..................................................... 18
•
Changed the value of VIOTM in the INSULATION CHARACTERISTICS table From: 4000 To: 4242 .................................. 18
•
Changed Figure 21 ............................................................................................................................................................... 19
•
Changed PU to X in the last row of the FUNCTION TABLE................................................................................................ 20
•
Added section: SUPPLY CURRENT EQUATIONS.............................................................................................................. 22
Changes from Revision A (December 2010) to Revision B
Page
•
Changed Feature bullet From: ISO7421: TBDmA at 1Mbps, TBDmA at 25Mbps To: ISO7421: 1.8mA at 1Mbps,
2.8mA at 25Mbps ................................................................................................................................................................... 1
•
Updated the ISO7421x Supply Current values for VCC1 and VCC2 = 5V................................................................................. 6
•
Updated the ISO7421x Supply Current values for VCC1 = 5V and VCC2 = 3.3V ..................................................................... 7
•
Updated the ISO7421x Supply Current values for VCC1 = 3.3V and VCC2 = 5V ..................................................................... 8
•
Updated the ISO7421x Supply Current values for VCC1 and VCC2 = 3.3V.............................................................................. 9
Changes from Original (December 2010) to Revision A
Page
•
Changed the Max values for Supply current for VCC1 and VCC2, CL = 15pF........................................................................... 9
Copyright © 2010–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: ISO7420E ISO7420FE ISO7421E ISO7421FE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com