Electronic Components Datasheet Search
  English  ▼

X  

ISO7420FE Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7420FE
Description  ISO742x Low-Power Dual Channel Digital Isolators
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO7420FE Datasheet(HTML) 21 Page - Texas Instruments

Back Button ISO7420FE Datasheet HTML 17Page - Texas Instruments ISO7420FE Datasheet HTML 18Page - Texas Instruments ISO7420FE Datasheet HTML 19Page - Texas Instruments ISO7420FE Datasheet HTML 20Page - Texas Instruments ISO7420FE Datasheet HTML 21Page - Texas Instruments ISO7420FE Datasheet HTML 22Page - Texas Instruments ISO7420FE Datasheet HTML 23Page - Texas Instruments ISO7420FE Datasheet HTML 24Page - Texas Instruments ISO7420FE Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
ISO7421
V
CC1
V
CC2
ISO7420E, ISO7420FE, ISO7421E, ISO7421FE
www.ti.com
SLLSE45F – DECEMBER 2010 – REVISED JULY 2015
9 Applications and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
9.1 Application Information
ISO742x utilize single-ended TTL-logic switching technology. Its supply voltage range is from 3 V to 5.5 V for
both supplies, VCC1 and VCC2. When designing with digital isolators, it is important to keep in mind that due to the
single-ended design structure, digital isolators do not conform to any specific interface standard and are only
intended for isolating single-ended CMOS or TTL digital signal lines. The isolator is typically placed between the
data controller (i.e.
μC or UART), and a data converter or a line transceiver, regardless of the interface type or
standard.
9.2 Typical Application
ISO7421 can be used with Texas Instruments' mixed signal micro-controller, digital-to-analog converter,
transformer driver, and voltage regulator to create an isolated 4-20 mA current loop.
Figure 23. Isolated 4-20 mA Current Loop
Copyright © 2010–2015, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: ISO7420E ISO7420FE ISO7421E ISO7421FE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com