Electronic Components Datasheet Search
  English  ▼

X  

ISO7420FE Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7420FE
Description  ISO742x Low-Power Dual Channel Digital Isolators
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO7420FE Datasheet(HTML) 22 Page - Texas Instruments

Back Button ISO7420FE Datasheet HTML 18Page - Texas Instruments ISO7420FE Datasheet HTML 19Page - Texas Instruments ISO7420FE Datasheet HTML 20Page - Texas Instruments ISO7420FE Datasheet HTML 21Page - Texas Instruments ISO7420FE Datasheet HTML 22Page - Texas Instruments ISO7420FE Datasheet HTML 23Page - Texas Instruments ISO7420FE Datasheet HTML 24Page - Texas Instruments ISO7420FE Datasheet HTML 25Page - Texas Instruments ISO7420FE Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 33 page
background image
ISO7420E, ISO7420FE, ISO7421E, ISO7421FE
SLLSE45F – DECEMBER 2010 – REVISED JULY 2015
www.ti.com
Typical Application (continued)
9.2.1 Design Requirements
Unlike optocouplers, which require external components to improve performance, provide bias, or limit current,
the ISO742x only require two external bypass capacitors to operate.
9.2.2 Detailed Design Procedure
9.2.2.1 Maximum Supply Current Equations
(Calculated over recommended operating temperature range and Silicon process variation)
9.2.2.1.1
ISO7420
At VCC1 = VCC2 = 3.3V ± 10%
ICC1(max) = ICC1_Q (max) + 1.791 x 10
-2 x f
(1)
ICC2(max) = ICC2_Q (max) + 1.687 x 10
-2 x f + 3.570 x 10-3 x f x C
L
(2)
At VCC1 = VCC2 = 5V ± 10%
ICC1(max) = ICC1_Q (max) + 3.152 x 10
-2 x f
(3)
ICC2(max) = ICC2_Q (max) + 2.709 x 10
-2 x f + 5.365 x 10-3 x f x C
L
(4)
9.2.2.1.2
ISO7421
At VCC1 = VCC2 = 3.3V ± 10%
ICC1(max) = ICC1_Q (max) + 1.726 x 10
-2 x f + 1.785 x 10-3 x f x C
L
(5)
ICC2(max) = ICC2_Q (max) + 1.726 x 10
-2 x f + 1.785 x 10-3 x f x C
L
(6)
At VCC1 = VCC2 = 5V ± 10%
ICC1(max) = ICC1_Q (max) + 2.920 x 10
-2 x f + 2.682 x 10-3 x f x C
L
(7)
ICC2(max) = ICC2_Q (max) + 2.920 x 10
-2 x f + 2.682 x 10-3 x f x C
L
(8)
ICC1_Q (max) and ICC2_Q (max) are equivalent to the maximum supply currents measured in mA under DC input
conditions (provided in the specification tables of this data sheet); f is data rate in Mbps of both channels; CL is
the capacitive load in pF of both channels. ICC1(max) and ICC2(max) are measured in mA.
9.2.2.2 Typical Supply Current Equations:
(Calculated over recommended operating temperature range and Silicon process variation)
9.2.2.2.1
ISO7420
At VCC1 = VCC2 = 3.3V
ICC1(typ) = ICC1_Q (typ) + 1.528 x 10
-2 x f
(9)
ICC2(typ) = ICC2_Q (typ) + 1.637 x 10
-2 x f + 3.275 x 10-3 x f x C
L
(10)
At VCC1 = VCC2 = 5V
ICC1(typ) = ICC1_Q (typ) + 2.640 x 10
-2 x f
(11)
ICC2(typ) = ICC2_Q (typ) + 2.502 x 10
-2 x f + 4.919 x 10-3 x f x C
L
(12)
9.2.2.2.2
ISO7421
At VCC1 = VCC2 = 3.3V
ICC1(typ) = ICC1_Q (typ) + 1.567 x 10
-2 x f + 1.640 x 10-3 x f x C
L
(13)
ICC2(typ) = ICC2_Q (typ) + 1.567 x 10
-2 x f + 1.640 x 10-3 x f x C
L
(14)
At VCC1 = VCC2 = 5V
ICC1(typ) = ICC1_Q (typ) + 2.550 x 10
-2 x f + 2.416 x 10-3 x f x C
L
(15)
ICC2(typ) = ICC2_Q (typ) + 2.550 x 10
-2 x f + 2.461 x 10-3 x f x C
L
(16)
22
Submit Documentation Feedback
Copyright © 2010–2015, Texas Instruments Incorporated
Product Folder Links: ISO7420E ISO7420FE ISO7421E ISO7421FE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com