Electronic Components Datasheet Search
  English  ▼

X  

ISO5852S Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # ISO5852S
Description  High-CMTI 2.5-A / 5-A Isolated IGBT, MOSFET Gate Driver with Split Outputs and Active Safety Features
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO5852S Datasheet(HTML) 13 Page - Texas Instruments

Back Button ISO5852S Datasheet HTML 9Page - Texas Instruments ISO5852S Datasheet HTML 10Page - Texas Instruments ISO5852S Datasheet HTML 11Page - Texas Instruments ISO5852S Datasheet HTML 12Page - Texas Instruments ISO5852S Datasheet HTML 13Page - Texas Instruments ISO5852S Datasheet HTML 14Page - Texas Instruments ISO5852S Datasheet HTML 15Page - Texas Instruments ISO5852S Datasheet HTML 16Page - Texas Instruments ISO5852S Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 37 page
background image
Ambient Temperature (GC)
-40
-25
-10
5
20
35
50
65
80
95
110 125
-600
-580
-560
-540
-520
-500
-480
-460
-440
-420
-400
D030
VDESAT = 6 V
Ambient Temperature (GC)
-40
-25
-10
5
20
35
50
65
80
95
110 125
0
200
400
600
800
1000
1200
1400
D027
20 mA at VCC2 = 15 V
20 mA at VCC2 = 30 V
250 mA at VCC2 = 15 V
250 mA at VCC2 = 30 V
500 mA at VCC2 = 15 V
500 mA at VCC2 = 30 V
Ambient Temperature (GC)
-40
-25
-10
5
20
35
50
65
80
95
110 125
0
200
400
600
800
1000
1200
1400
D028
20 mA at VCC2 = 15 V
20 mA at VCC2 = 30 V
250 mA at VCC2 = 15 V
250 mA at VCC2 = 30 V
500 mA at VCC2 = 15 V
500 mA at VCC2 = 30 V
Ambient Temperature (GC)
-40
-25
-10
5
20
35
50
65
80
95
110 125
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
D026
I(OUTH/L) = 100 mA
I(OUTH/L) = 200 mA
Ambient Temperature (GC)
-40
-25
-10
5
20
35
50
65
80
95
110 125
0
200
400
600
800
1000
1200
1400
D029
20 mA at VCC2 = 15 V
20 mA at VCC2 = 30 V
250 mA at VCC2 = 15 V
250 mA at VCC2 = 30 V
500 mA at VCC2 = 15 V
500 mA at VCC2 = 30 V
ISO5852S
www.ti.com
SLLSEQ0A – AUGUST 2015 – REVISED SEPTEMBER 2015
Typical Characteristics (continued)
Figure 36. Active Pull Down Voltage vs Temperature
Figure 37. Short Circuit Clamp Voltage on Clamp Across
Temperature
Figure 38. Short Circuit Clamp Voltage on OUTH Across
Figure 39. Short Circuit Clamp Voltage on OUTL Across
Temperature
Temperature
VCC2 = 15 V
DESAT = 6 V
Figure 40. Blanking Capacitor Charging Current vs Temperature
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: ISO5852S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com