Electronic Components Datasheet Search
  English  ▼

X  

ISO5852S Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # ISO5852S
Description  High-CMTI 2.5-A / 5-A Isolated IGBT, MOSFET Gate Driver with Split Outputs and Active Safety Features
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO5852S Datasheet(HTML) 3 Page - Texas Instruments

  ISO5852S Datasheet HTML 1Page - Texas Instruments ISO5852S Datasheet HTML 2Page - Texas Instruments ISO5852S Datasheet HTML 3Page - Texas Instruments ISO5852S Datasheet HTML 4Page - Texas Instruments ISO5852S Datasheet HTML 5Page - Texas Instruments ISO5852S Datasheet HTML 6Page - Texas Instruments ISO5852S Datasheet HTML 7Page - Texas Instruments ISO5852S Datasheet HTML 8Page - Texas Instruments ISO5852S Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 37 page
background image
1
16
2
3
4
5
6
7
8
15
14
13
12
11
10
9
DESAT
VEE2
VCC2
GND2
VEE2
VCC1
GND1
RDY
IN-
IN+
GND1
FLT
RST
OUTH
OUTL
CLAMP
ISO5852S
www.ti.com
SLLSEQ0A – AUGUST 2015 – REVISED SEPTEMBER 2015
5 Description (continued)
When the IGBT is turned off during normal operation with bipolar output supply, the output is hard clamp to VEE2.
If the output supply is unipolar, an active Miller clamp can be used, allowing Miller current to sink across a low
impedance path preventing IGBT to be dynamically turned on during high voltage transient conditions.
The readiness for the gate driver to be operated is under the control of two undervoltage-lockout circuits
monitoring the input side and output side supplies. If either side has insufficient supply the RDY output goes low,
otherwise this output is high.
The ISO5852S is available in a 16-pin SOIC package. Device operation is specified over a temperature range
from –40°C to 125°C ambient.
6 Pin Configuration and Function
DW Package
16-Pin SOIC
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
VEE2
1, 8
-
Output negative supply. Connect to GND2 for Unipolar supply application.
DESAT
2
I
Desaturation voltage input
GND2
3
-
Gate drive common. Connect to IGBT emitter.
OUTH
4
O
Positive gate drive voltage output
VCC2
5
-
Most positive output supply potential.
OUTL
6
O
Negative gate drive voltage output
CLAMP
7
O
Miller clamp output
GND1
9, 16
-
Input ground
IN+
10
I
Non-inverting gate drive voltage control input
IN-
11
I
Inverting gate drive voltage control input
RDY
12
O
Power-good output, active high when both supplies are good.
FLT
13
O
Fault output, low-active during DESAT condition
RST
14
I
Reset input, apply a low pulse to reset fault latch.
VCC1
15
-
Positive input supply (2.25-V to 5.5-V)
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: ISO5852S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com