Electronic Components Datasheet Search
  English  ▼

X  

ISO5852S Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # ISO5852S
Description  High-CMTI 2.5-A / 5-A Isolated IGBT, MOSFET Gate Driver with Split Outputs and Active Safety Features
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO5852S Datasheet(HTML) 28 Page - Texas Instruments

Back Button ISO5852S Datasheet HTML 24Page - Texas Instruments ISO5852S Datasheet HTML 25Page - Texas Instruments ISO5852S Datasheet HTML 26Page - Texas Instruments ISO5852S Datasheet HTML 27Page - Texas Instruments ISO5852S Datasheet HTML 28Page - Texas Instruments ISO5852S Datasheet HTML 29Page - Texas Instruments ISO5852S Datasheet HTML 30Page - Texas Instruments ISO5852S Datasheet HTML 31Page - Texas Instruments ISO5852S Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 37 page
background image
(
)
on-max
off-max
OL-WC
INP
G
CC2
EE2
on-max
G
off-max
G
r
r
P
= 0.5
f
Q
V
V
+
r
+ R
r
+ R
æ
ö
´
´
´
-
´ ç
÷
è
ø
ISO5852S
SLLSEQ0A – AUGUST 2015 – REVISED SEPTEMBER 2015
www.ti.com
10.2.2.8 DESAT Diode and DESAT Threshold
The DESAT diode’s function is to conduct forward current, allowing sensing of the IGBT’s saturated collector-to-
emitter voltage, V(DESAT), (when the IGBT is "on") and to block high voltages (when the IGBT is "off"). During the
short transition time when the IGBT is switching, there is commonly a high dVCE/dt voltage ramp rate across the
IGBT. This results in a charging current I(CHARGE) = C(D-DESAT) x dVCE/dt, charging the blanking capacitor. C(D-DESAT)
is the diode capacitance at DESAT.
To minimize this current and avoid false DESAT triggering, fast switching diodes with low capacitance are
recommended. As the diode capacitance builds a voltage divider with the blanking capacitor, large collector
voltage transients appear at DESAT attenuated by the ratio of 1+ C(BLANK) / C(D-DESAT).
Because the sum of the DESAT diode forward-voltage and the IGBT collector-emitter voltage make up the
voltage at the DESAT-pin, VF + VCE = V(DESAT), the VCE level, which triggers a fault condition, can be modified by
adding multiple DESAT diodes in series: VCE-FAULT(TH) = 9 V – n x VF (where n is the number of DESAT diodes).
When using two diodes instead of one, diodes with half the required maximum reverse-voltage rating may be
chosen.
10.2.2.9 Determining the Maximum Available, Dynamic Output Power, POD-max
The ISO5852S maximum allowed total power consumption of PD = 251 mW consists of the total input power, PID,
the total output power, POD, and the output power under load, POL:
PD = PID + POD + POL
(1)
With:
PID = VCC1-max × ICC1-max = 5.5 V × 4.5 mA = 24.75 mW
(2)
and:
POD = (VCC2 – VEE2) x ICC2-max = (15 V – ( –8 V )) × 6 mA = 138 mW
(3)
then:
POL = PD – PID – POD = 251 mW – 24.75 mW – 138 mW = 88.25 mW
(4)
In comparison to POL, the actual dynamic output power under worst case condition, POL-WC, depends on a variety
of parameters:
where
•
fINP = signal frequency at the control input IN+
•
QG = power device gate charge
•
VCC2 = positive output supply with respect to GND2
•
VEE2 = negative output supply with respect to GND2
•
ron-max = worst case output resistance in the on-state: 4Ω
•
roff-max = worst case output resistance in the off-state: 2.5Ω
•
RG = gate resistor
(5)
Once RG is determined, Equation 5 is to be used to verify whether POL-WC < POL. Figure 55 shows a simplified
output stage model for calculating POL-WC.
28
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: ISO5852S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com