Electronic Components Datasheet Search
  English  ▼

X  

S494 Datasheet(PDF) 3 Page - AUK corp

Part # S494
Description  Pulse Width Modulation
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

S494 Datasheet(HTML) 3 Page - AUK corp

  S494 Datasheet HTML 1Page - AUK corp S494 Datasheet HTML 2Page - AUK corp S494 Datasheet HTML 3Page - AUK corp S494 Datasheet HTML 4Page - AUK corp S494 Datasheet HTML 5Page - AUK corp S494 Datasheet HTML 6Page - AUK corp S494 Datasheet HTML 7Page - AUK corp S494 Datasheet HTML 8Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
KSI-K003-000
3
S494
Dead Time Control Section
Characteristic
Symbol
Test Condition
Min. Typ. Max.
Unit
Input Bias Current (Pin4)
IIB(DT)
Vcc = 15V, 0V < V4 < 5.25V
-
-2
-10
㎂
Max. Duty cycle, Each Output
DC(Max)
Vcc = 15V, Pin4 = 0V,
Output Control Pin = Vref
43
-
45
%
Zero Duty
-
3
3.3
Input Threshold
Voltage
Max Duty
VTH
-
0
-
-
V
Error Amplifier Section
Characteristic
Symbol
Test Condition
Min. Typ. Max.
Unit
Input Offset Voltage
VIOS
V3 = 2.5V
-
2
10
mV
Input Offset Current
IIOS
V3 = 2.5V
-
25
250
nA
Input Bias Current
IIB
V3 = 2.5V
-
0.2
1
㎂
Input Common Mode
voltage Range
VICR
7V ≤ VCC ≤ 40V
-0.3
-
VCC
V
Large Signal Open Loop
Voltage Range
GVO
0.5V ≤ V3 ≤ 3.5V
60
74
-
dB
Unity Gain Band width
fC
-
-
650
-
㎑
PWM Comparator Section (Pin3)
Characteristic
Symbol
Test Condition
Min. Typ. Max.
Unit
Inhibit Threshold Voltage
VTHI
Zero duty cycle
-
4
4.5
V
Output Source Current
Io+
0.5V < V3 < 3.5V
2
-
-
mA
Output Sink Current
Io-
0.5V< V3 < 3.5V
-0.2
-0.6
-
mA
Output Section
Characteristic
Symbol
Test Condition
Min. Typ. Max.
Unit
Common-Emitter
VE= 15V, IC = 200mA
-
1.1
1.3
Output Satur-
ation Voltage
Emitter-Follower
VCE(SAT)
VC =15V, IE = 200mA
-
1.5
2.5
V
Collector off-state Current
IC(off)
VCC = VC = 40V, VE = 0
-
2
100
Emitter off-state Current
IE(off)
VCC = VC = 40V, VE = 0
-
-
-100
㎂
Output Control(Pin 13)
Output Control Voltage
Required for single-Ended or
Parallel Output Operation
VOCL
-
-
-
0.4
V
Output Control Voltage Req-
uired for Push-pull operation
VOCH
-
2.4
-
-
V
Total Device
Standby power Supply
Current
ICC
-
-
6
10
mA
: These limits apply when the voltage measured at Pin 3 is with in the range specified.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com