Electronic Components Datasheet Search
  English  ▼

X  

S494 Datasheet(PDF) 1 Page - AUK corp

Part # S494
Description  Pulse Width Modulation
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

S494 Datasheet(HTML) 1 Page - AUK corp

  S494 Datasheet HTML 1Page - AUK corp S494 Datasheet HTML 2Page - AUK corp S494 Datasheet HTML 3Page - AUK corp S494 Datasheet HTML 4Page - AUK corp S494 Datasheet HTML 5Page - AUK corp S494 Datasheet HTML 6Page - AUK corp S494 Datasheet HTML 7Page - AUK corp S494 Datasheet HTML 8Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
KSI-K003-000
1
S494
Pulse Width Modulation
Description
The S494 is a monolithic integrated circuit which includes all the necessary building blocks
for the design of pulse width modulate(PWM) switching power supplies, including push-pull,
bridge and series configuration. The device can operate at switching frequencies between
1KHz and 300KHz and output voltage up to 40V. The S494 is specified over an operating
temperature range of -40℃to85℃.
Features
• Uncommitted output transistors capable of 200mA source or sink
• Internal protection from double pulsing of out-puts with narrow pulse widths or with
supply voltages bellows specified limits
• Easily synchronized to other circuits
• Dead time control comparator
• Output control selects single-ended or push-pull operation
Ordering Information
Type NO.
Marking
Package Code
S494
S494
SOP-16
Outline Dimensions
unit : mm
S
Seem
miiccoon
nd
du
uccttoorr
PIN Connections
1. Non-INV Input
2. INV Input
3. Feed-Back
4. Dead-Time Control
5. CT
6. RT
7. GND
8. C1
9. E1
10. E2
11. C2
12. Vcc
13 Output Control
14. Ref Out
15. INV-Input
16. Non-INV Input


Similar Part No. - S494

ManufacturerPart #DatasheetDescription
logo
AUK corp
S494 AUK-S494 Datasheet
350Kb / 9P
Pulse Width Modulation
logo
Bothhand USA, LP.
S4940 BOTHHAND-S4940 Datasheet
245Kb / 1P
T1/CEPT/ISDN-PRI TRANSFORMER
S4941 BOTHHAND-S4941 Datasheet
245Kb / 1P
T1/CEPT/ISDN-PRI TRANSFORMER
logo
Vishay Siliconix
S494D VISHAY-S494D Datasheet
35Kb / 3P
Fast Soft Recovery Rectifier
24-Jun-98
logo
AUK corp
S494P AUK-S494P Datasheet
342Kb / 8P
Pulse Width Modulation
More results

Similar Description - S494

ManufacturerPart #DatasheetDescription
logo
Daewoo Semiconductor
DBL494 DAEWOO-DBL494 Datasheet
329Kb / 6P
PULSE WIDTH MODULATION
logo
AUK corp
S494P AUK-S494P Datasheet
342Kb / 8P
Pulse Width Modulation
logo
List of Unclassifed Man...
SA55 ETC-SA55 Datasheet
40Kb / 2P
PULSE WIDTH MODULATION AMPLIFIER
logo
Cirrus Logic
SA01 APEX-SA01 Datasheet
269Kb / 4P
PULSE WIDTH MODULATION AMPLIFIER
SA03 APEX-SA03_06 Datasheet
269Kb / 4P
PULSE WIDTH MODULATION AMPLIFIER
logo
AUK corp
S494 AUK-S494_1 Datasheet
350Kb / 9P
Pulse Width Modulation
S494P AUK-S494P_1 Datasheet
353Kb / 9P
Pulse Width Modulation
logo
Cirrus Logic
SA305 APEX-SA305_07 Datasheet
428Kb / 8P
PULSE WIDTH MODULATION AMPLIFIER
logo
Suntac Electronic Corp.
STC494 SUNTAC-STC494 Datasheet
236Kb / 8P
Pulse Width Modulation
logo
Cirrus Logic
MSA240 CIRRUS-MSA240 Datasheet
214Kb / 5P
Pulse Width Modulation Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com