Electronic Components Datasheet Search
  English  ▼

X  

S494 Datasheet(PDF) 2 Page - AUK corp

Part # S494
Description  Pulse Width Modulation
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

S494 Datasheet(HTML) 2 Page - AUK corp

  S494 Datasheet HTML 1Page - AUK corp S494 Datasheet HTML 2Page - AUK corp S494 Datasheet HTML 3Page - AUK corp S494 Datasheet HTML 4Page - AUK corp S494 Datasheet HTML 5Page - AUK corp S494 Datasheet HTML 6Page - AUK corp S494 Datasheet HTML 7Page - AUK corp S494 Datasheet HTML 8Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
KSI-K003-000
2
S494
Absolute Maximum Ratings
Ta=25
°C
Characteristic
Symbol
Ratings
Unit
supply voltage
VCC
42
V
Voltage From Any Pin to Ground
(except pin 8 and pin 11)
VIN
VCC+0.3
V
Output Collector Voltage
VC1, VC2
42
V
Peak Collector Current
IC1, IC2
250
mA
Power Dissipation
PD
1500
mW
Operating Temperature
Topr
-40 ~ 85
°C
Storage Temperature
Tstg
-65 ~ 150
°C
Recommended Operating Condition
Characteristic
Symbol
Min.
Max.
Unit
supply voltage
VCC
7
40
V
Voltage on Any Pin Except Pin
8 and 11(Referenced to Ground)
VIN
-0.3
VCC+0.3
V
Output Voltage
VC1, VC2
-0.3
40
V
Output Collector Current
IC1, IC2
-
200
mA
Timing Capacitor
Ct
470
-
PF
Timing Capacitor
Ct
-
10
㎌
Timing Resistor
Rt
1.8
500
㏀
Oscillator Frequency
fOSC
1
300
KHz
Electrical Characteristics
Reference Section
Characteristic
Symbol
Test Condition
Min. Typ. Max.
Unit
Reference Voltage
Vref
Iref = 1.0mA
4.75
5.00
5.25
V
Line Regulation
VLINE
7V < Vcc < 40V
-
2
25
mV
Load Regulation
VLOAD
1mA< IREF <10mA
-
1
15
mV
Temperature Coefficient
-
0
°C < Ta <70°C
-
0.01
0.03
%/
°C
Oscillator Section
Characteristic
Symbol
Test Condition
Min. Typ. Max.
Unit
Oscillator Frequency
fOSC
Ct=0.01 ㎌, Rt=12 ㏀
-
10
-
㎑
Oscillator Frequency Change
Over Operating Temperature
Range
Δ
fSOC
Ct=0.01 ㎌, Rt=12 ㏀
-
-
2
%



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com