Electronic Components Datasheet Search
  English  ▼

X  

S494 Datasheet(PDF) 6 Page - AUK corp

Part # S494
Description  Pulse Width Modulation
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

S494 Datasheet(HTML) 6 Page - AUK corp

  S494 Datasheet HTML 1Page - AUK corp S494 Datasheet HTML 2Page - AUK corp S494 Datasheet HTML 3Page - AUK corp S494 Datasheet HTML 4Page - AUK corp S494 Datasheet HTML 5Page - AUK corp S494 Datasheet HTML 6Page - AUK corp S494 Datasheet HTML 7Page - AUK corp S494 Datasheet HTML 8Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
KSI-K003-000
6
Test Circuit
Fig.1Error Amplifier Test Circuit
Fig.2 Current Limit sense Amplifier Test Circuit
Fig. 3 Common-Emitter Configuration
Fig. 5 Dead-Time and Feedback Control
Test circuit and Waveform
Test Circuit
Fig. 4 Emitter-Follower Configuration Test circuit and waveform Voltage waveform
Ea c h o u t p u t
T r a n si st o r
15p F
15V DC
C
E
68
90%
10%
90%
10%
Tr
T f
Vc
90%
10%
90%
10%
Tr
Tf
GND
Each output
Trans is tor
15pF
15V DC
C
V E
68
S494
Vcc=15V
DEAD
TIME
FEED BACK
C1
E1
C2
E2
REF
OUT
OUTPUT
CONTROL
Vcc
RT
CT
(+)
(-)
(+)
(-)
TEST
Inputs
OUTPUT1
OUTPUT2
4
3
6
5
1
2
16
15
13
14
10
11
9
8
7
GND
12
50K
12K
0.01uF
150
2W
150
2W
+
-
ERROR
AMP
+
-
ERROR
AMP
V
IN
+
-
1
2
V3
16
15
VREF
+
-
ERROR
AMP
+
-
ERROR
AMP
V
IN
+
-
1
2
V 3
16
15
V REF



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com