Electronic Components Datasheet Search
  English  ▼

X  

ELM75 Datasheet(PDF) 2 Page - ELM Electronics

Part # ELM75
Description  CMOS Small package voltage detector
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM75 Datasheet(HTML) 2 Page - ELM Electronics

  ELM75 Datasheet HTML 1Page - ELM Electronics ELM75 Datasheet HTML 2Page - ELM Electronics ELM75 Datasheet HTML 3Page - ELM Electronics ELM75 Datasheet HTML 4Page - ELM Electronics ELM75 Datasheet HTML 5Page - ELM Electronics ELM75 Datasheet HTML 6Page - ELM Electronics ELM75 Datasheet HTML 7Page - ELM Electronics ELM75 Datasheet HTML 8Page - ELM Electronics ELM75 Datasheet HTML 9Page - ELM Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2
Rev.1.2
13 -
Pin No.
Pin name
(75xxxA1C)
1
OUT
2
VDD
3
VSS
Pin No.
Pin name
(75xxxB1C)
1
OUT
2
VSS
3
VDD
Pin No.
Pin name
(75xxxC1C) (75xxxC2C) (75xxxC3C)
1
NC
OUT
NC
2
VDD
NC
VDD
3
NC
VDD
NC
4
OUT
NC
VSS
5
VSS
VSS
OUT
1
3
2
■Pin configuration
SOT-89(TOP VIEW)
SOT-23(TOP VIEW)
SC-70-5(TOP VIEW)
1
2
3
ELM75xxxxxC CMOS Small package voltage detector
ELM75xxxxxC-x
Symbol
a, b
Detection voltage
e.g. :
11: VdetN=1.1V, 22: VdetN=2.2V
24: VdetN=2.4V, 27: VdetN=2.7V
30: VdetN=3.0V, 40: VdetN=4.0V
c
Output form
C: CMOS output
N: N-ch open-drain output
d
Package
A: SOT-89
B: SOT-23
C: SC-70-5(SOT-353), SC-82AB(SOT-343)
e
Pin configuration
type
1: Type1
2: Type2(ELM75xxxC2C only)
3: Type3(ELM75xxxC3C only)
4: Type4(ELM75xxxC4C only)
f
Product version C
g
Taping direction S, N: Refer to PKG file
ELM75 x x x x x C - x
↑ ↑ ↑ ↑ ↑ ↑ ↑
a b c d e f g
■Selection guide
SC-82AB(TOP VIEW)
Pin No.
Pin name
(75xxxC4C)
1
OUT
2
VDD
3
NC
4
VSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com