Electronic Components Datasheet Search
  English  ▼

X  

ELM75 Datasheet(PDF) 8 Page - ELM Electronics

Part # ELM75
Description  CMOS Small package voltage detector
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM75 Datasheet(HTML) 8 Page - ELM Electronics

Back Button ELM75 Datasheet HTML 4Page - ELM Electronics ELM75 Datasheet HTML 5Page - ELM Electronics ELM75 Datasheet HTML 6Page - ELM Electronics ELM75 Datasheet HTML 7Page - ELM Electronics ELM75 Datasheet HTML 8Page - ELM Electronics ELM75 Datasheet HTML 9Page - ELM Electronics ELM75 Datasheet HTML 10Page - ELM Electronics ELM75 Datasheet HTML 11Page - ELM Electronics ELM75 Datasheet HTML 12Page - ELM Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
8
Rev.1.2
13 -
Symbol
VdetN
0
0.9V
2
1.0V
6
1.1V
9
1.2V
*
1.3V
Y
1.4V
Z
1.5V
1
1.6V
÷
1.7V
3
1.8V
4
1.9V
V
2.0V
W
2.1V
A
2.2V
B
2.3V
C
2.4V
D
2.5V
E
2.6V
F
2.7V
G
2.8V
H
2.9V
J
3.0V
K
3.1V
L
3.2V
a : Represents the detection voltage
• SC-70-5, SC-82AB package
SC-70-5
ELM75xxxxxC CMOS Small package voltage detector
Symbol
VdetN
M
3.3V
N
3.4V
P
3.5V
Q
3.6V
R
3.7V
S
3.8V
T
3.9V
U
4.0V
#
4.1V
5
4.2V
%
4.3V
=
4.4V
7
4.5V
▪
4.6V
+
4.7V
-
4.8V
>
4.9V
8
5.0V
?
5.1V
¥
5.2V
<
5.3V
/
5.4V
X
5.5V
SC-82AB
b : Represents the assembly lot number.
Symbol
Output form
A to Z repeated (I, O, X excepted)
N-ch
0 to 9 repeated
CMOS
c : Represents the assembly lot number.
Symbol
Output form
0 to 9 repeated
N-ch
A to Z repeated (I, O, X excepted)
CMOS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com