Electronic Components Datasheet Search
  English  ▼

X  

ELM75 Datasheet(PDF) 6 Page - ELM Electronics

Part # ELM75
Description  CMOS Small package voltage detector
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM75 Datasheet(HTML) 6 Page - ELM Electronics

Back Button ELM75 Datasheet HTML 2Page - ELM Electronics ELM75 Datasheet HTML 3Page - ELM Electronics ELM75 Datasheet HTML 4Page - ELM Electronics ELM75 Datasheet HTML 5Page - ELM Electronics ELM75 Datasheet HTML 6Page - ELM Electronics ELM75 Datasheet HTML 7Page - ELM Electronics ELM75 Datasheet HTML 8Page - ELM Electronics ELM75 Datasheet HTML 9Page - ELM Electronics ELM75 Datasheet HTML 10Page - ELM Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
6
Rev.1.2
13 -
1) Current consumption
ELM75xxxxxC
VSS
OUT
Vdd
A
VDD
2) Detection voltage
V
3V
V
ELM75xxxxxC
VDD
VSS
OUT
R*
Vdd
VdetN
* Pull up circuit is necessary for N-ch output only.
* R=100kΩ(R=1MΩ for Vdd min measurement.)
■Test circuits
ELM75xxxxxC CMOS Small package voltage detector
4) Delay time
VSS
ELM75xxxxxC
VDD
OUT
1M
3V
*
P.G.
V
V
�
** Input pulse
Vss
0.8V
1.5V or 3.0V or 4.5V or 6.0V
* Pull up circuit is necessary for N-ch output only.
3)-(1) Output current (N-ch)
A
V
V
ELM75xxxxxC
Vdd
VDD
VSS
OUT
Vds
3)-(2) Output current (P-ch)
V
V
A
ELM75xxxxxC
Vds
Vdd
VDD
VSS
OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com