Electronic Components Datasheet Search
  English  ▼

X  

ELM75 Datasheet(PDF) 13 Page - ELM Electronics

Part # ELM75
Description  CMOS Small package voltage detector
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM75 Datasheet(HTML) 13 Page - ELM Electronics

Back Button ELM75 Datasheet HTML 5Page - ELM Electronics ELM75 Datasheet HTML 6Page - ELM Electronics ELM75 Datasheet HTML 7Page - ELM Electronics ELM75 Datasheet HTML 8Page - ELM Electronics ELM75 Datasheet HTML 9Page - ELM Electronics ELM75 Datasheet HTML 10Page - ELM Electronics ELM75 Datasheet HTML 11Page - ELM Electronics ELM75 Datasheet HTML 12Page - ELM Electronics ELM75 Datasheet HTML 13Page - ELM Electronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
13
Rev.1.2
13 -
■Delay time characteristics
ELM75xxxxxC CMOS Small package voltage detector
■
Delay time characteristics
・
ELM7511xxC
-40
-20
0
20
40
60
80
0
20
40
60
80
100
Top (℃)
tPLH - Top
Vdd=0.8V→1.5V
-40
-20
0
20
40
60
80
0
40
80
120
160
200
tPHL - Top
Top (℃)
Vdd=1.5V→0.8V
・
ELM7522xxC, ELM7524xxC
-40
-20
0
20
40
60
80
0
40
80
120
160
200
tPLH - Top
Top (℃)
Vdd=0.8V→3.0V
-40
-20
0
20
40
60
80
0
200
400
600
800
1000
tPHL - Top
Top (℃)
Vdd=3.0V→0.8V
・
ELM7527xxC, ELM7530xxC, ELM7540xxC
-40
-20
0
20
40
60
80
0
40
80
120
160
200
tPLH - Top
Top (℃)
Vdd=0.8V→4.5V
-40
-20
0
20
40
60
80
0
200
400
600
800
1000
tPHL - Top
Top (℃)
Vdd=4.5V→0.8V
■
Delay time characteristics
・
ELM7511xxC
-40
-20
0
20
40
60
80
0
20
40
60
80
100
Top (℃)
tPLH - Top
Vdd=0.8V→1.5V
-40
-20
0
20
40
60
80
0
40
80
120
160
200
tPHL - Top
Top (℃)
Vdd=1.5V→0.8V
・
ELM7522xxC, ELM7524xxC
-40
-20
0
20
40
60
80
0
40
80
120
160
200
tPLH - Top
Top (℃)
Vdd=0.8V→3.0V
-40
-20
0
20
40
60
80
0
200
400
600
800
1000
tPHL - Top
Top (℃)
Vdd=3.0V→0.8V
・
ELM7527xxC, ELM7530xxC, ELM7540xxC
-40
-20
0
20
40
60
80
0
40
80
120
160
200
tPLH - Top
Top (℃)
Vdd=0.8V→4.5V
-40
-20
0
20
40
60
80
0
200
400
600
800
1000
tPHL - Top
Top (℃)
Vdd=4.5V→0.8V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com