Electronic Components Datasheet Search
  English  ▼

X  

ELM87 Datasheet(PDF) 6 Page - ELM Electronics

Part # ELM87
Description  Low power consumption CMOS 300mA V/R
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM87 Datasheet(HTML) 6 Page - ELM Electronics

Back Button ELM87 Datasheet HTML 2Page - ELM Electronics ELM87 Datasheet HTML 3Page - ELM Electronics ELM87 Datasheet HTML 4Page - ELM Electronics ELM87 Datasheet HTML 5Page - ELM Electronics ELM87 Datasheet HTML 6Page - ELM Electronics ELM87 Datasheet HTML 7Page - ELM Electronics ELM87 Datasheet HTML 8Page - ELM Electronics ELM87 Datasheet HTML 9Page - ELM Electronics ELM87 Datasheet HTML 10Page - ELM Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
6
Rev.1.2
19 -
http://www.elm-tech.com
Ci=1.0μF, Co=1.0μF, Top=25°C
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Output voltage
Vout
Vin=3.5V, Iout=40mA
2.450
2.500
2.550
V
Output current
Iout
Vin=3.5V
200
mA
Input stability
ΔVout/ΔVin Iout=40mA, 3.0V≤Vin≤6.0V
0.05
0.25
%/V
Load stability
ΔVout/ΔIout 1mA≤Iout≤100mA, Vin=3.5V
10
20
mV
Input-Output
voltage differential
Vdif
Iout=100mA
150
220
mV
Current consumption
Iss
Vin=3.5V, No-load
1.0
3.0
μA
Input voltage
Vin
1.8
6.0
V
CE input voltage High
Vceh
Vin=6.0V
1.8
Vin
V
CE input voltage Low
Vcel
Vin=1.4V
0.0
0.2
V
CE input current High
Iceh
Vce=Vin=6.0V
-0.2
0.0
0.2
μA
CE input current Low
Icel
Vce=Vss, Vin=6.0V
-0.2
0.0
0.2
Short circuit current
Ilim
Vout=0V
50
mA
Thermal shutdown
temperature
Tsd
160
°C
Vout=2.5V(ELM87253xA), CE=”H”active
Ci=1.0μF, Co=1.0μF, Top=25°C
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Output voltage
Vout
Vin=4.0V, Iout=40mA
2.940
3.000
3.060
V
Output current
Iout
Vin=4.0V
200
mA
Input stability
ΔVout/ΔVin Iout=40mA, 3.5V≤Vin≤6.0V
0.05
0.25
%/V
Load stability
ΔVout/ΔIout 1mA≤Iout≤100mA, Vin=4.0V
10
20
mV
Input-Output
voltage differential
Vdif
Iout=100mA
125
190
mV
Current consumption
Iss
Vin=4.0V, No-load
1.0
3.0
μA
Input voltage
Vin
1.8
6.0
V
CE input voltage High
Vceh
Vin=6.0V
1.8
Vin
V
CE input voltage Low
Vcel
Vin=1.4V
0.0
0.2
V
CE input current High
Iceh
Vce=Vin=6.0V
-0.2
0.0
0.2
μA
CE input current Low
Icel
Vce=Vss, Vin=6.0V
-0.2
0.0
0.2
Short circuit current
Ilim
Vout=0V
50
mA
Thermal shutdown
temperature
Tsd
160
°C
Vout=3.0V(ELM87303xA), CE=”H”active
ELM87xxxxA Low power consumption CMOS 300mA V/R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com