Electronic Components Datasheet Search
  English  ▼

X  

ELM87 Datasheet(PDF) 13 Page - ELM Electronics

Part # ELM87
Description  Low power consumption CMOS 300mA V/R
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM87 Datasheet(HTML) 13 Page - ELM Electronics

Back Button ELM87 Datasheet HTML 9Page - ELM Electronics ELM87 Datasheet HTML 10Page - ELM Electronics ELM87 Datasheet HTML 11Page - ELM Electronics ELM87 Datasheet HTML 12Page - ELM Electronics ELM87 Datasheet HTML 13Page - ELM Electronics ELM87 Datasheet HTML 14Page - ELM Electronics ELM87 Datasheet HTML 15Page - ELM Electronics ELM87 Datasheet HTML 16Page - ELM Electronics ELM87 Datasheet HTML 17Page - ELM Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
13
Rev.1.2
19 -
http://www.elm-tech.com
• 3.0V Vout unit (ELM8730xA, ELM87303xA) Ci=1.0μF, Co=1.0μF, Top=25°C
0
1
2
3
4
5
6
2
2.2
2.4
2.6
2.8
3
Vin(V)
Iout=1mA
Iout=40mA
Iout=100mA
Vout-Vin
Top=25
℃
3
3.5
4
4.5
5
5.5
6
2.94
2.95
2.96
2.97
2.98
2.99
3
3.01
Vin(V)
Iout=1mA
Iout=40mA
Iout=100mA
Vout-Vin
Top=25
℃
0
200
400
600
0
0.5
1
1.5
2
2.5
3
3.5
Iout(mA)
Vin=4.0V
Vin=3.5V
Vin=5.0V
Vin=6.0V
Vout-Iout
Top=25
℃
0 30 60 90 120 150 180 210 240 270 300
0
50
100
150
200
250
300
350
400
450
500
550
600
650
700
750
Iout(mA)
Vdiff-Iout
Top=25
℃
ELM87xxxxA Low power consumption CMOS 300mA V/R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com